Electronic Components Datasheet Search
  English  ▼

X  

16235FAM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 16235FAM
Description  PACIFIC DISPLAY DEVICES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

16235FAM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  16235FAM Datasheet HTML 1Page - List of Unclassifed Manufacturers 16235FAM Datasheet HTML 2Page - List of Unclassifed Manufacturers 16235FAM Datasheet HTML 3Page - List of Unclassifed Manufacturers 16235FAM Datasheet HTML 4Page - List of Unclassifed Manufacturers 16235FAM Datasheet HTML 5Page - List of Unclassifed Manufacturers 16235FAM Datasheet HTML 6Page - List of Unclassifed Manufacturers 16235FAM Datasheet HTML 7Page - List of Unclassifed Manufacturers 16235FAM Datasheet HTML 8Page - List of Unclassifed Manufacturers 16235FAM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PACIFIC DISPLAY DEVICES
LCD Component Data Sheet
Model Number: 16235
16 Character by 2 Line
Alphanumeric LCD Assembly
With Embedded Controller
CONTENTS
1.
GENERAL INFORMATION
1.1 Product Overview
2
1.2 Part Numbering System
2
1.3 Absolute Maximum Ratings
3
1.4 Circuit Block Diagram
3
1.5 Mechanical Characteristics
3
1.6 Input Signal Function
4
1.7 LCM Contrast Control and Bias
4
1.8 LCD Dimensions
5
2.
ELECTRICAL / OPTICAL CHARACTERISTICS
2.1 DC Electrical Characteristics
6
2.2 AC Electrical Characteristics
6
2.3 Optical Characteristics
8
2.4 LED Backlight Characteristics
10
2.5 EL Panel Backlight Characteristics
10
3.
OPERATING PRINCIPALS AND METHODS
3.1 LCD Controller Display and Control Functions
11
3.2 Display Data RAM Address Map
13
4.
RELIABILITY
14
5.
PRECAUTIONS FOR USING LCD MODULES
15
516 N. Diamond Bar Blvd – Suite 103 – Diamond Bar, CA – 91765
Tel: 909-396-5128 – Fax: 909-396-1155 – Web: www.pacificdisplay.com


Similar Part No. - 16235FAM

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1623502 TURCK-1623502 Datasheet
342Kb / 2P
Inductive Sensor
11/07/2023
logo
PHOENIX CONTACT
1623502 PHOENIX-1623502 Datasheet
486Kb / 10P
EV-T2G3C-1AC20A-4,0M2,5ESBK01 - AC charging cable
logo
Turck, Inc.
1623503 TURCK-1623503 Datasheet
388Kb / 3P
Inductive Sensor
11/07/2023
logo
PHOENIX CONTACT
1623503 PHOENIX-1623503 Datasheet
484Kb / 9P
EV-T2G3C-1AC32A-4,0M6,0ESBK01 - AC charging cable
1623504 PHOENIX-1623504 Datasheet
527Kb / 9P
EV-T2G3C-3AC20A-4,0M2,5ESBK01 - AC charging cable
More results

Similar Description - 16235FAM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA13002F ROHM-BA13002F Datasheet
152Kb / 8P
Interface Driver for microcomputer peripheral and display devices
logo
Powertip Technology
PC2004LRS-BSO-B POWERTIP-PC2004LRS-BSO-B Datasheet
130Kb / 10P
DISPLAY DEVICES FOR BETTER ELECYRONOC DESIGN
PG9732LR-CE3-H POWERTIP-PG9732LR-CE3-H Datasheet
162Kb / 9P
DISPLAY DEVICES
logo
Advanced Analogic Techn...
AAT2830 ANALOGICTECH-AAT2830 Datasheet
540Kb / 21P
800mA Total Display Solution for Portable Devices
AAT2833 ANALOGICTECH-AAT2833 Datasheet
474Kb / 20P
240mA Total Display Solution for Portable Devices
logo
AverLogic Technologies ...
AL330B AVERLOGIC-AL330B Datasheet
2Mb / 2P
Integrated Video SOC for Digital Display Devices
logo
SiGe Semiconductor, Inc...
AATIAN49 SIGE-AATIAN49 Datasheet
155Kb / 5P
800mA Total Display Solution for Portable Devices
logo
List of Unclassifed Man...
24064-02 ETC2-24064-02 Datasheet
504Kb / 31P
PACIFIC DISPLAY DEVICES LCD Component Data Sheet
logo
OSRAM GmbH
DLR1414 OSRAM-DLR1414 Datasheet
467Kb / 10P
Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
HSDP2110S OSRAM-HSDP2110S Datasheet
977Kb / 16P
Alphanumeric Intelligent Display Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com