Electronic Components Datasheet Search
  English  ▼

X  

AWB207 Datasheet(PDF) 10 Page - Advanced Semiconductor Business Inc.

Part # AWB207
Description  5 ~ 4000 MHz MMIC Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB207 Datasheet(HTML) 10 Page - Advanced Semiconductor Business Inc.

Back Button AWB207 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWB207 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWB207 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWB207 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWB207 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWB207 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWB207 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWB207 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. AWB207 Datasheet HTML 10Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10/10
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
AWB207
5 ~ 4000 MHz MMIC Amplifier
Copyright
2012-2017 ASB Inc. All rights reserved. Datasheet subject to change without notice. ASB assumes no re-
sponsibility for any errors which may appear in this datasheet. No part of the datasheet may be copied or reproduced
in any form or by any means without the prior written consent of ASB.
20~40 sec
260
C
200
C
150
C
60~180 sec
Ramp-up
(3
C/sec)
Ramp-down
(6
C/sec)
Recommended Soldering Reflow Profile



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com