Electronic Components Datasheet Search
  English  ▼

X  

AWB389 Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # AWB389
Description  5 ~ 4000 MHz MMIC Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB389 Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  AWB389 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWB389 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWB389 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWB389 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWB389 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWB389 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWB389 Datasheet HTML 7Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
AWB389
5 ~ 4000 MHz MMIC Amplifier
0
2
4
6
8
10
12
14
Output Power (dBm)
-70
-65
-60
-55
-50
-45
-40
20 MHz BW
10 MHz BW
1) Test Source : LTE_FDD_test model 3.1, BW: 10 MHz & 20 MHz, Test Frequency: 1.8 GHz
2) Test Source : LTE_FDD_test model 3.1, BW: 20 MHz, Test Frequency: 1.8 GHz
LTE ACLR
– 10 MHz & 20 MHz
LTE ACLR
– 20 MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com