Electronic Components Datasheet Search
  English  ▼

X  

AWB459 Datasheet(PDF) 20 Page - Advanced Semiconductor Business Inc.

Part # AWB459
Description  Wide band MMIC Amplifie
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB459 Datasheet(HTML) 20 Page - Advanced Semiconductor Business Inc.

Back Button AWB459 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 18Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 19Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 20Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 21Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 22Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 23Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
20/23
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
July 2017
AWB459
Wide band MMIC Amplifier
0
500
1000
1500
2000
2500
Frequency (MHz)
0
5
10
15
20
25
0
500
1000
1500
2000
2500
Frequency (MHz)
-25
-20
-15
-10
-5
0
0
500
1000
1500
2000
2500
Frequency (MHz)
-25
-20
-15
-10
-5
0
0
500
1000
1500
2000
Frequency (MHz)
0
1
2
3
4
5
AWB459
L2 = 1 uH
(LQH31CN1R0M03)
Vs = 8 V
RF IN
C1 = 1 uF
RF OUT
R1 = 390 Ω
L1 = 220 nH
L3 = 5.6 nH
C4 = 1 uF
C5 = 1 uF
C6 = 0.75 pF
C3 = 10 uF
C2 = 1.8 pF
R2 = 150 kΩ
1) OIP3 is measured with two tones at an output power of +12 dBm/tone separated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
30
500
1000
2000
Magnitude S21 (dB)
19.0
19.5
19.5
19.5
Magnitude S11 (dB)
-7.5
-8.3
-8.1
-8.4
Magnitude S22 (dB)
-10.5
-8.5
-9.5
-4.0
Output P1dB (dBm)
27.0
28.0
27.0
20.5
Output IP31) (dBm)
42.0
45.0
42.0
35.5
Noise Figure (dB)
1.4
1.4
1.4
1.7
Device Voltage (V)
+8
Current (mA)
180
Wide Band
30 ~ 2000 MHz
+8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com