Electronic Components Datasheet Search
  English  ▼

X  

WM9709CDS Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM9709CDS
Description  AC LINK INTERFACE AUDIO DAC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9709CDS Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM9709CDS Datasheet HTML 1Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 2Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 3Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 4Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 5Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 6Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 7Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 8Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Production Data
WM9709
w
PD Rev 1.3 February 2003
5
Notes:
1.
Ratio of output level with 1kHz full scale input, to the output level with all zeros into the digital input, measured ‘A’
weighted over a 20Hz to 20kHz bandwidth.
2.
All performance measurements done with 20kHz low pass filter, and where noted an A-weight filter. Failure to use
such a filter will result in higher THD+N and lower SNR and Dynamic Range readings than are found in the Electrical
Characteristics. The low pass filter removes out of band noise; although it is not audible it may affect dynamic
specification values.
3.
SNR measured with A-weight filter is typically 2dB better than with CCIR2k filter, or 20kHz low pass filter.
TERMINOLOGY
1.
Signal-to-noise ratio (dB) - SNR is a measure of the difference in level between the full scale output and the output
with no signal applied. (No Auto-zero or Automute function is employed in achieving these results).
2.
Channel Separation (dB) - Also known as Cross-Talk. This is a measure of the amount one channel is isolated from
the other. Normally measured by sending a full scale signal down one channel and measuring the other.
3.
Dynamic range (dB) - DNR is a measure of the ratio between the largest and smallest usable signals. Normally a
THD+N measurement at 60dB below full scale. The measured signal is then corrected by adding the 60dB to it. (e.g.
THD+N @ -60dB= 42dB, DNR= 102dB).
4.
THD+N (dB) - THD+N is a ratio, of the rms values, of (Noise + Distortion)/Signal.
SERIAL INTERFACE TIMINGS
Test Conditions:
AVDD = 5V, AGND = 0V, DVDD = 3.3V, DGND = 0V, TA = 25
oC, unless otherwise stated. All
measurements are taken at 10% to 90% VDD, unless otherwise stated.
All the following timing information is guaranteed by design, but not tested in production.
COLD RESET
RESETB
BITCLK
t
RST_LOW
t
RST2CLK
Figure 1 Cold Reset Timing
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
RESETB active low pulse width
tRST_LOW
1.0
µs
RESETB inactive to BITCLK
startup delay
tRST2CLK
162.8
ns
WARM RESET
Not supported by WM9709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com