Electronic Components Datasheet Search
  English  ▼

X  

FR601G Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # FR601G
Description  Voltage 50 ~ 1000 V 6.0Amp Glass Passivated Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

FR601G Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  FR601G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH FR601G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
FR601G ~ FR607G
Voltage 50 ~ 1000 V
6.0Amp Glass Passivated Fast Recovery Rectifiers
28-Jul-2014 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
( Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
FR601G
FR602G
FR603G
FR604G
FR605G
FR606G
FR607G
Unit
Maximum Recurrent Reverse
Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Instantaneous Forward
Voltage @IF = 6A
VF
1.3
V
Maximum Average Forward Rectified
Current 0.375” (9.5mm) lead
length@ TA = 55°C
IO
6
A
Peak Forward Surge Current, 8.3ms
single half sine-wave superimposed
on rated load(JEDEC method)
IFSM
250
A
TA=25°C
5.0
Maximum DC Reverse
Current at rated DC
blocking voltage
TA=125°C
IR
200
µA
Maximum Reverse Recovery Time
1
TRR
150
250
500
nS
Typical Junction Capacitance
2
CJ
100
pF
Operating and Storage Temperature
Range
TJ ,TSTG
-55 ~ 150
°C
Note:
1.
IF=0.5A, IR=1.0A, IRR=0.25A
2.
f=1MHz and applied 4V DC reverse voltage
R-6
A
C
B
A
D
Millimeter
REF.
Min.
Max.
A
25.4 REF
B
8.6
9.1
C
8.6
9.1
D
1.2
1.3


Similar Part No. - FR601G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
FR601G JGD-FR601G Datasheet
147Kb / 2P
6.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Dc Components
FR601G DCCOM-FR601G Datasheet
460Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
GOOD-ARK Electronics
FR601G GOOD-ARK-FR601G Datasheet
195Kb / 3P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Taiwan Semiconductor Co...
FR601G TSC-FR601G Datasheet
69Kb / 2P
6.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR601G TSC-FR601G Datasheet
249Kb / 2P
6.0 AMPS. Glass Passivated Fast Recovery Rectifiers
More results

Similar Description - FR601G

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
RGP10A CHENYI-RGP10A Datasheet
56Kb / 3P
1.0Amp glass passivated junction fast recovery rectifiers 50 to 1000 volts
logo
SeCoS Halbleitertechnol...
GBP4005G SECOS-GBP4005G Datasheet
364Kb / 2P
VOLTAGE 50 ~ 1000 V, 4.0AMP Glass Passivated Bridge Rectifiers
logo
Tiger Electronic Co.,Lt...
FR601 TGS-FR601 Datasheet
28Kb / 2P
6.0AMP FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR601G SECOS-FR601G_15 Datasheet
244Kb / 2P
6.0Amp Glass Passivated Fast Recovery Rectifiers
HER301GR SECOS-HER301GR Datasheet
175Kb / 2P
Voltage 50 ~ 1000 V 3Amp Glass Passivated High Efficiency Rectifiers
SMF101AM SECOS-SMF101AM Datasheet
187Kb / 2P
Voltage 50 ~ 1000 V 1.0 Amp Fast Recovery Rectifiers
SMF201AM SECOS-SMF201AM Datasheet
187Kb / 2P
Voltage 50 ~ 1000 V 2.0 Amp Fast Recovery Rectifiers
SMF301AM SECOS-SMF301AM Datasheet
193Kb / 2P
Voltage 50 ~ 1000 V 3.0 Amp Fast Recovery Rectifiers
GBU6005 SECOS-GBU6005_15 Datasheet
278Kb / 2P
6.0Amp Glass Passivated Bridge Rectifiers
logo
Shanghai Leiditech Elec...
1N4001 LEIDITECH-1N4001 Datasheet
543Kb / 2P
Plastic Fast Recovery Rectifiers Reverse Voltage 50 ~ 1000 V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com