Electronic Components Datasheet Search
  English  ▼

X  

S24CM01C Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S24CM01C
Description  2-WIRE SERIAL E2PROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S24CM01C Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S24CM01C Datasheet HTML 9Page - Seiko Instruments Inc S24CM01C Datasheet HTML 10Page - Seiko Instruments Inc S24CM01C Datasheet HTML 11Page - Seiko Instruments Inc S24CM01C Datasheet HTML 12Page - Seiko Instruments Inc S24CM01C Datasheet HTML 13Page - Seiko Instruments Inc S24CM01C Datasheet HTML 14Page - Seiko Instruments Inc S24CM01C Datasheet HTML 15Page - Seiko Instruments Inc S24CM01C Datasheet HTML 16Page - Seiko Instruments Inc S24CM01C Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
2-WIRE SERIAL E2PROM
Rev.2.0_02_S
S-24CM01C
13
6. 2 Page write
The page write mode allows up to 256 bytes to be written in a single write operation in the S-24CM01C.
The basic process used to transmit data is the same as byte write, but page write involves sequentially receiving
as much 8-bit write data as the size of the page.
When the S-24CM01C receives a 7-bit device address and a 1-bit read / write instruction code set to “0” following
a start condition, it generates an acknowledge. The S-24CM01C then receives the upper 8-bit word address, and
responds with an acknowledge. The S-24CM01C then receives the lower 8-bit word address, and responds with
an acknowledge. After the S-24CM01C receives 8-bit write data and responds with an acknowledge, it receives 8-
bit write data corresponding to the next word address, and generates an acknowledge. The S-24CM01C repeats
reception of 8-bit write data and generation of acknowledges in succession. The S-24CM01C can receive as
much write data as the maximum page size.
Receiving a stop condition initiates a write cycle of the area starting from the designated memory address and
with a page size equal to the received write data.
A2 A1 P0
S
T
A
R
T
1 0 1 0
W
R
I
T
E
DEVICE
ADDRESS
UPPER
WORD ADDRESS (n)
R
/
W
M
S
B
SDA LINE
A
C
K
L
S
B
LOWER
WORD ADDRESS (n)
0
W15
W7 W6 W5 W4 W3 W2 W1 W0
DATA (n)
D7
D0
S
T
O
P
W12 W11 W10 W9 W8
A
C
K
W13
A
C
K
DATA (n+x)
D7
D0
W14
Figure 12 Page Write
In the S-24CM01C, the lower 8 bits of the word address are automatically incremented every time the
S-24CM01C receives 8-bit write data. If the size of the write data exceeds 256 bytes, the upper 8 bits of the word
address and the page address (P0) remain unchanged, and the lower 8 bits are rolled over so that the last
256-byte data that the S-24CM01C received is overwritten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com