Electronic Components Datasheet Search
  English  ▼

X  

SUF101AM Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SUF101AM
Description  Voltage 50 ~ 600 V 1.0 Amp Surface Mount Super Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SUF101AM Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SUF101AM Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SUF101AM Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SUF101AM~SUF105AM
Voltage 50 ~ 600 V 1.0 Amp
Surface Mount Super Fast Recovery Rectifiers
29-Jun -2015 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low profile package
Glass Passivated Chip Juntion
Low reverse current
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case : SMAM
Terminals: Solderable per MIL-STD-750, Method 2026
Weight: 27 mgram (Approximate)
MARKING
Part Number
Marking Code
Part Number
Marking Code
SUF101AM
ES1A
SUF104AM
ES1G
SUF102AM
ES1B
SUF105AM
ES1J
SUF103AM
ES1D
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMAM
3K
7 inch
ABSOLUTE MAXIMUM RATINGS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
SUF101AM
SUF102AM
SUF103AM
SUF104AM
SUF105AM
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
V
Maximum Average Forward Rectified
Current
IF
1
A
Peak Forward Surge Current, 8.3ms single
half sine-wave superimposed on rated load
IFSM
30
A
Maximum Instantaneous Forward Voltage
IF=1A @ 25°C
VF
1
1.25
1.7
V
TA=25°C
5
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TA=125°C
IR
100
µA
Maximum Reverse Recovery Time
1
TRR
35
nS
Typical Junction Capacitance
3
CJ
10
pF
Typical Thermal Resistance
2
RθJL
22
°C/W
Typical Thermal Resistance
2
RθJC
30
°C/W
Operating & Storage Temperature
TJ,TSTG
-55~ 150
°C
Notes:
1. Measured with IF=0.5A,IR=1A,IRR=0.25A
2. P.C.B. mounted with 10 X 10 x 0.2 mm copper pad areas.
3. Measured at 1 MHz and applied reverse voltage of 4 V D.C
SMAM
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.30
3.70
D
0.80
1.20
B
2.40
2.70
E
1.30
1.60
C
4.40
4.90
F
0.90
1.10


Similar Part No. - SUF101AM

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SUF101A SECOS-SUF101A Datasheet
240Kb / 2P
1.0AMP Surface Mount Super Fast Recovery Rectifiers
SUF101A SECOS-SUF101A_15 Datasheet
320Kb / 2P
1.0 Amp High Efficiency Recovery Rectifiers
More results

Similar Description - SUF101AM

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RS1A TSC-RS1A_10 Datasheet
455Kb / 2P
1.0 AMP. Surface Mount Fast Recovery Rectifiers
logo
Micro Commercial Compon...
SF11 MCC-SF11_11 Datasheet
460Kb / 4P
1.0 Amp Super Fast Recovery Rectifiers 50 to 600 Volts
logo
SeCoS Halbleitertechnol...
SUF11M SECOS-SUF11M Datasheet
152Kb / 2P
1.0 Amp Surface Mount Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SMF101A GWSEMI-SMF101A Datasheet
68Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
SMU11A GWSEMI-SMU11A Datasheet
68Kb / 2P
1.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SUF101JD SECOS-SUF101JD Datasheet
227Kb / 2P
Voltage 50V ~ 600V, 1.0 Amp Surface Mount Super Fast Recovery Rectifiers
SUF201AM SECOS-SUF201AM Datasheet
226Kb / 2P
Voltage 50 ~ 600 V 2.0 Amp Surface Mount Super Fast Recovery Rectifiers
SUF201JD SECOS-SUF201JD Datasheet
169Kb / 2P
Voltage 50 ~ 600 V, 2.0 Amp Surface Mount Super Fast Recovery Rectifiers
SUF301AM SECOS-SUF301AM Datasheet
225Kb / 2P
Voltage 50 ~ 600 V 3.0 Amp Surface Mount Super Fast Recovery Rectifiers
SMF101AM SECOS-SMF101AM Datasheet
187Kb / 2P
Voltage 50 ~ 1000 V 1.0 Amp Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com