Electronic Components Datasheet Search
  English  ▼

X  

SUF304AM Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SUF304AM
Description  Voltage 50 ~ 600 V 3.0 Amp Surface Mount Super Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SUF304AM Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SUF304AM Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SUF304AM Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SUF301AM~SUF305AM
Voltage 50 ~ 600 V 3.0 Amp
Surface Mount Super Fast Recovery Rectifiers
17-Apr-2015 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low profile package
Glass Passivated Chip Juntion
Low reverse current
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case : SMAM
Terminals: Solderable per MIL-STD-750, Method 2026
Weight: 27 mgram (Approximate)
MARKING
Part Number
Marking Code
Part Number
Marking Code
SUF301AM
ES3A
SUF304AM
ES3G
SUF302AM
ES3B
SUF305AM
ES3J
SUF303AM
ES3D
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMAM
3K
7 inch
ABSOLUTE MAXIMUM RATINGS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
SUF301AM
SUF302AM
SUF303AM
SUF304AM
SUF305AM
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
V
Maximum Average Forward Rectified
Current
IF
3
A
Peak Forward Surge Current, 8.3ms single
half sine-wave superimposed on rated load
IFSM
100
A
Maximum Instantaneous Forward Voltage
IF=3A @ 25°C
VF
1
1.25
1.7
V
TA=25°C
5
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TA=125°C
IR
200
µA
Maximum Reverse Recovery Time
1
TRR
35
nS
Typical Junction Capacitance
3
CJ
45
pF
Typical Thermal Resistance
2
RθJL
22
°C/W
Typical Thermal Resistance
2
RθJC
30
°C/W
Operating & Storage Temperature
TJ,TSTG
-55~ 150
°C
Notes:
1. Measured with IF=0.5A,IR=1A,IRR=0.25A
2. P.C.B. mounted with10 X 10 x 0.2 mm copper pad areas.
3. VR=4V, f=1MHz
SMAM
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.30
3.70
D
0.80
1.20
B
2.40
2.70
E
1.30
1.60
C
4.40
4.90
F
0.90
1.10


Similar Part No. - SUF304AM

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SUF304B SECOS-SUF304B Datasheet
219Kb / 2P
3.0AMP Surface Mount Super Fast Recovery Rectifiers
SUF304C SECOS-SUF304C Datasheet
233Kb / 2P
3.0AMP Surface Mount Super Fast Recovery Rectifiers
SUF304C SECOS-SUF304C Datasheet
213Kb / 2P
Surface Mount Super Fast Recovery Rectifiers
More results

Similar Description - SUF304AM

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RS3A TSC-RS3A_11 Datasheet
192Kb / 2P
3.0 AMP. Surface Mount Fast Recovery Rectifiers
logo
List of Unclassifed Man...
484-SMF30XC ETC2-484-SMF30XC Datasheet
69Kb / 2P
3.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Goodwork Semiconductor ...
SMF301C GWSEMI-SMF301C Datasheet
69Kb / 2P
3.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
SMU31B GWSEMI-SMU31B Datasheet
69Kb / 2P
3.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
SMU31C GWSEMI-SMU31C Datasheet
69Kb / 2P
3.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SUF301C SECOS-SUF301C_15 Datasheet
374Kb / 2P
3.0 Amp Surface Mount Super Fast Recovery Rectifiers
SUF101AM SECOS-SUF101AM Datasheet
189Kb / 2P
Voltage 50 ~ 600 V 1.0 Amp Surface Mount Super Fast Recovery Rectifiers
SUF201AM SECOS-SUF201AM Datasheet
226Kb / 2P
Voltage 50 ~ 600 V 2.0 Amp Surface Mount Super Fast Recovery Rectifiers
SUF201JD SECOS-SUF201JD Datasheet
169Kb / 2P
Voltage 50 ~ 600 V, 2.0 Amp Surface Mount Super Fast Recovery Rectifiers
SMF301AM SECOS-SMF301AM Datasheet
193Kb / 2P
Voltage 50 ~ 1000 V 3.0 Amp Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com