Electronic Components Datasheet Search
  English  ▼

X  

PDH308 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PDH308
Description  THYRISTOR MODULE 30A Avg 800 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDH308 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PDH308 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDH308 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDH308 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PDH308 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
THYRISTOR
30A Avg 800 Volts
PDT308
PDH308
PCH308
■回路図 CIRCUIT
K1 G1
K2 G2
1
2
3
PDT
K1 G1
1
2
3
PDH
K2 G2
1
2
3
PCH
■最大定格 Maximum Ratings
項   目
Parameter
記号
Symbol
耐圧クラス Grade
単位
Unit
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
VRRM
800
V
非くり返しピーク逆電圧
Non Repetitive Peak Reverse Voltage
VRSM
960
V
PDT308/PDH308/PCH308
項   目
Parameter
記号
Symbol
条   件
Conditions
定格値
Max. Rated Value
単位
Unit
平均整流電流
Average Rectified Output Current
I0(AV)
商用周波数 180°通電
Tc=95℃
Half Sine Wave
30
A
実効オン電流
RMS On-State Current
IT
(RMS)
47
A
電流二乗時間積
I Squared t
I
2t
2∼10ms
1800
A
2
s
動作接合温度範囲
Operating Junction Temperature Range
Tjw
−40∼+125
℃
保存温度範囲
Storage Temperature Range
Tstg
−40∼+125
℃
締付トルク
Mounting Torque
F
サーマルコンパウンド塗布
Greased
2.4∼2.8
N・m
2.4∼2.8
N・m
ベース部
Mounting
主端子部
Terminal
サージオン電流
Surge On-State Current
ITSM
50Hz正弦半波,1サイクル,非くり返し
Half Sine Wave, 1Pulse, Non-Repetitive
600
A
M5
M5
くり返しピークオフ電圧
Repetitive Peak Off-State Voltage
VDRM
800
V
非くり返しピークオフ電圧
Non Repetitive Peak Off-State Voltage
VDSM
960
V
ピークゲート逆電圧
Peak Gate Reverse Voltage
VRGM
5
V
ピークゲート電圧
Peak Gate Voltage
VGM
10
V
ピークゲート電流
Peak Gate Current
IGM
2
A
平均ゲート電力損失
Average Gate Power
PG
(AV)
1
W
ピークゲート電力損失
Peak Gate Power
PGM
5
W
臨界オン電流上昇率
Critical Rate of Rise of Turned-On Current
di/dt
VD=2/3VDRM,ITM=2・IO,Tj=125℃
IG=200mA,diG/dt=0.2A/μs
100
A/μs
絶縁耐圧
Isolation Voltage
Viso
端子−ベース間,AC1分間
Terminal to Base, AC1min.
2000
V
─ 167 ─
■外形寸法図 OUTLINE DRAWING
(単位 Dimension:mm)
1アーム当りの値 Value Per 1 Arm.


Similar Part No. - PDH308

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDH3012 NIEC-PDH3012 Datasheet
271Kb / 5P
THYRISTOR MODULE 30A /1200 to 1600V
PDH3012 NIEC-PDH3012 Datasheet
251Kb / 4P
30A Avg 1200~1600 Volts
PDH3016 NIEC-PDH3016 Datasheet
271Kb / 5P
THYRISTOR MODULE 30A /1200 to 1600V
PDH3016 NIEC-PDH3016 Datasheet
251Kb / 4P
30A Avg 1200~1600 Volts
logo
Potens Semiconductor Co...
PDH3060 POTENS-PDH3060 Datasheet
814Kb / 5P
30V N-Channel MOSFETs
Ver.1.01
More results

Similar Description - PDH308

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PGH3016AM NIEC-PGH3016AM Datasheet
213Kb / 3P
THYRISTOR 30A AVG 1600 VOLTS
PCH4008 NIEC-PCH4008 Datasheet
246Kb / 4P
THYRISTOR 400A AVG 800 VOLTS
PHT308C NIEC-PHT308C Datasheet
336Kb / 3P
30A Avg 800 Volts
PHT608C NIEC-PHT608C Datasheet
26Kb / 1P
THYRISTOR 60A Avg 800 Volts
PC308 NIEC-PC308_1 Datasheet
150Kb / 2P
30A Avg 800 Volts
PC2008 NIEC-PC2008_1 Datasheet
156Kb / 2P
200A Avg 800 Volts
PE308N NIEC-PE308N_1 Datasheet
150Kb / 2P
30A Avg 800 Volts
PGH308 NIEC-PGH308_1 Datasheet
220Kb / 3P
30A Avg 800 Volts
PT30S8 NIEC-PT30S8_1 Datasheet
112Kb / 2P
30A Avg 800 Volts
logo
National Instruments Co...
PC308 NI-PC308_15 Datasheet
150Kb / 2P
30A Avg 800 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com