Electronic Components Datasheet Search
  English  ▼

X  

CF30L60CT Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CF30L60CT
Description  30A Trench Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CF30L60CT Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CF30L60CT Datasheet HTML 1Page - Chip Integration Technology Corporation CF30L60CT Datasheet HTML 2Page - Chip Integration Technology Corporation CF30L60CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Maximum Ratings
Rating at 25
OC ambient temperature unless otherwise specified.
Document ID : DS-11K008
Revised Date : 2016/07/18
Revision : C
Main Product Characteristics
I
F ( AV )
2 X 15A
V
R R M
T
J
V
F ( Ty p )
60V
150
OC
0.53V
30A Trench Schottky Rectifier
CF30L60CT
Chip Integration Technology Corporation
■ Outline
ITO-220AB
Alternate
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.383(9.72)
0.404(10.27)
0.248(6.3)
0.272(6.9)
0.571(14.5)
0.610(15.5)
0.516(13.1)
0.547(13.9)
-
0.161(4.1)
0.094(2.4)
0.126(3.2)
0.039(1.0)
0.051(1.3)
0.020(0.5)
0.035(0.9)
0.095(2.41)
0.105(2.67)
0.169(4.3)
0.189(4.8)
0.055(1.4)
0.122(3.1)
0.091(2.3)
0.117(2.96)
0.014(0.35)
0.031(0.8)
0.122(3.1)
0.142(3.6)
Marking code
A
J
B
C
D
E
F
G
H
I
K
L
M
N
ØP
0.039(1.0)
0.051(1.3)
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.390(9.9)
0.408(10.36)
0.268(6.8)
0.283(7.2)
0.583(14.8)
0.598(15.2)
0.512(13.0)
0.543(13.8)
0.102(2.6)
0.150(3.8)
0.101(2.55)
0.112(2.85)
0.043(1.1)
0.053(1.35)
0.043(1.1)
0.053(1.35)
0.020(0.5)
0.028(0.7)
0.098(2.49)
0.102(2.59)
0.169(4.3)
0.185(4.7)
0.112(2.85)
0.128(3.25)
0.098(2.5)
0.114(2.9)
0.020(0.5)
0.028(0.7)
0.130(3.3)
0.134(3.5)
Marking code
A
J
B
C
D
E
F
G
H
I
K
L
M
N
ØP
Dimensions in inches and (millimeters)
■ Features
■ Mechanical Data
Low forward voltage drop.
•
Excellent high temperature stability.
•
Fast switching capability.
•
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
• Epoxy : UL94-V0 rated fl ame retardant.
.
• Case : JEDEC ITO-220AB molded plastic body
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
.
ed.
• Polarity: As mark
.
• Weight : Approximated 2.25 gram
Forward Voltage Drop (per diode)
Reverse Current (per diode)
Parameter
I
O
I
F S M
I
R R M
T
S T G
Forward Rectified Current (total device)
Forward Surge Current (per diode)
Thermal Resistance (per diode)
Storage Temperature
Parameter
8.3ms single half sine-wave
superimposed on rate load (JEDEC method)
Condition
Symbol
CF30L60CT
UNIT
-55 ~ +150
30
200
A
A
O C/W
O C
8
R
θ J C
Junction to case
Peak Repetitive Reverse Surge Current
A
2
Working Peak Reverse Voltage
V
RW M
60
V
V
F
I
R
V
= V
, T = 25
OC
R
RWM
J
V
= V
, T = 125
OC
R
RWM
J
Condition
Symbol
TYP.
UNIT
40
0.1
mV
mA
MIN.
MAX.
I = 15A, T = 25
OC
F
J
I = 15A, T = 125
OC
F
J
620
(per diode)
530
Junction to ambient
R
θ J A
50
T
J
O C
Operating Junction Temperature
I = 3A, T = 25
OC
410
560
■ Electrical Characteristics
Rating at 25
OC ambient temperature unless otherwise specified.
■ Circuit Diagram
Pulse width 2us, 1000Hz, square wave
at TA 25oC,10 cycles
Reverse Breakdown Voltage (per diode)
F
J
IR = 0.1mA, TJ = 25
OC
V
BR
V
60
0.011
-55 ~ +150


Similar Part No. - CF30L60CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CF30L100CT CITC-CF30L100CT Datasheet
492Kb / 3P
30A Trench Schottky Rectifier
CF30L120CT CITC-CF30L120CT Datasheet
468Kb / 3P
30A Trench Schottky Rectifier
More results

Similar Description - CF30L60CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
C30L100CT CITC-C30L100CT Datasheet
487Kb / 3P
30A Trench Schottky Rectifier
C30100CT CITC-C30100CT Datasheet
486Kb / 3P
30A Trench Schottky Rectifier
CB3045CT CITC-CB3045CT Datasheet
690Kb / 3P
30A Trench Schottky Rectifier
CF30L100CT CITC-CF30L100CT Datasheet
492Kb / 3P
30A Trench Schottky Rectifier
CF30L120CT CITC-CF30L120CT Datasheet
468Kb / 3P
30A Trench Schottky Rectifier
CF3045CT CITC-CF3045CT Datasheet
468Kb / 3P
30A Trench Schottky Rectifier
CF30100CT CITC-CF30100CT Datasheet
476Kb / 3P
30A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT30100CT DIODES-SDT30100CT Datasheet
676Kb / 6P
30A TRENCH SCHOTTKY RECTIFIER
March 2017
SDT30A100CT DIODES-SDT30A100CT Datasheet
714Kb / 6P
30A TRENCH SCHOTTKY RECTIFIER
March 2022 Rev. 6 - 2
SDT30A120CT DIODES-SDT30A120CT Datasheet
739Kb / 7P
30A TRENCH SCHOTTKY RECTIFIER
March 2022 Rev. 4 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com