Electronic Components Datasheet Search
  English  ▼

X  

XC9510CSR Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC9510CSR
Description  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9510CSR Datasheet(HTML) 8 Page - Torex Semiconductor

  XC9510CSR Datasheet HTML 1Page - Torex Semiconductor XC9510CSR Datasheet HTML 2Page - Torex Semiconductor XC9510CSR Datasheet HTML 3Page - Torex Semiconductor XC9510CSR Datasheet HTML 4Page - Torex Semiconductor XC9510CSR Datasheet HTML 5Page - Torex Semiconductor XC9510CSR Datasheet HTML 6Page - Torex Semiconductor XC9510CSR Datasheet HTML 7Page - Torex Semiconductor XC9510CSR Datasheet HTML 8Page - Torex Semiconductor XC9510CSR Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
Preliminary
! OPERATIONAL EXPLANATION (Continued)
< Synchronous / Non-synchronous >
$ Continuous Mode : Synchronous
$ Discontinuous Mode : Non-Synchronous
< Current Limit >
XC9510 Series
The current limiter circuit of the XC9510 series monitors the current flowing through the P-channel MOS driver transistor connected to the Lx
pin, and features a combination of the constant-current type current limit mode and the operation suspension mode.
1 When the driver current is greater than a specific level, the constant-current type current limit function operates to turn off the pulses from
the Lx pin at any given timing.
2 When the driver transistor is turned off, the limiter circuit is then released from the current limit detection state.
3 At the next pulse, the driver transistor is turned on. However, the transistor is immediately turned off in the case of an over current state.
4 When the over current state is eliminated, the IC resumes its normal operation.
The IC waits for the over current state to end by repeating the steps
1 through 3 . If an over current state continues for 8msec and the above
three steps are repeatedly performed, the IC performs the function of latching the OFF state of the driver transistor, and goes into operation
suspension mode. Once the IC is in suspension mode, operations can be resumed by either turning the IC off via the CE/MODE pin, or by
restoring power to the VIN pin. The suspension mode does not mean a complete shutdown, but a state in which pulse output is suspended;
therefore, the internal circuitry remains in operation. The constant-current type current limit of the XC9510 series can be set at 1.2A.
The XC9510 series automatically switches synchronous / non synchronous according to the state of the DC/DC converter.
In the series, highly efficient operation using the synchronous mode while the coil current is in a continuation state.
The series enters non-synchronous operation when the built-in Nch switching transistor for synchronous operaion is shutdown which happens
when the load current becomes low and the operation changes to a disconsinuous state.
The IC can operate without an external schottky diode because the parasitic diode in the Nch switching transistor provides the circuit's step-
down operation. However, since Vf of the parasitic diode is high 0.6V, the efficiency level during non-synchronous operation shows a slight
decrease. Please use an external schottky diode if high efficiency is required during light load current.
0mA
ILmin
ILmax
Coil Current
LX
Wave Form
ILmax
0mA
Coil Current
LX
Wave Form
**
VIN
CE
LX
DCOUT
IDOUT
Current LimitLEVEL
Limit<8mS
Restart
VSS
0mA
Limit>8mS
*1.2MHz,Typical
Semiconductor Ltd.
Data Sheet
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com