Electronic Components Datasheet Search
  English  ▼

X  

SCS751J-40 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS751J-40
Description  0.03A , 40V Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS751J-40 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS751J-40 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS751J-40 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS751J-40
0.03A , 40V
Surface Mount Schottky Barrier Rectifiers
20-Nov-2014 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Small Surface Mounting Type
Low Reverse Current and Low Forward Voltage
High Reliability
MECHANICAL DATA
Case: SOD-923, Molded Plastic
Polarity: See Diagrams Below
Mounting position: Any
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-923
8K
7 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
DC Reverse Voltage
VR
40
V
Mean rectifying current
IO
30
mA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
200
mA
Power Dissipation
PD
100
mW
Thermal Resistance Junction-Ambient
RθJA
1000
°C / W
Operating Temperature Range
TJ
125
°C
Storage Temperature Range
TSTG
-55~150
°C
ELECTRICAL CHARACTERISTICS (Ta = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Min.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)R
40
-
-
V
IR =1mA
Reverse Current
IR
-
-
0.5
µA
VR =30V
Forward Voltage
VF
-
-
0.37
mV
IF = 1mA
Diode Capacitance
CTOT
-
2
-
pF
VR =1V, f=1MHz
5
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.95
1.05
D
0.75
0.85
B
0.55
0.65
E
0.15
0.25
C
0.34
0.43
F
0.07
0.17
SOD-923


Similar Part No. - SCS751J-40

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS751J SECOS-SCS751J Datasheet
206Kb / 2P
Surface Mount Schottky Barrier Rectifiers
SCS751J SECOS-SCS751J_15 Datasheet
206Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SCS751J-40

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G705SD GTM-G705SD Datasheet
246Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.03A
G706SD GTM-G706SD Datasheet
240Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.03A
logo
Taiwan Semiconductor Co...
RB751V-40 TSC-RB751V-40_1 Datasheet
42Kb / 2P
0.03A Surface Mount Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SCS751S SECOS-SCS751S_12 Datasheet
146Kb / 2P
0.03A , 40V Surface Mount Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SCS751CS-40T5G WILLAS-SCS751CS-40T5G Datasheet
358Kb / 3P
30mA Surface Mount Schottky Barrier Rectifiers - 40V
SCS751G WILLAS-SCS751G Datasheet
478Kb / 4P
30mA Surface Mount Schottky Barrier Rectifiers-40V
logo
SeCoS Halbleitertechnol...
SCS480K SECOS-SCS480K Datasheet
55Kb / 1P
0.1A , 40V Surface Mount Schottky Barrier Rectifiers
SK240LHT SECOS-SK240LHT Datasheet
334Kb / 2P
40V, 2A Surface Mount Schottky Barrier Rectifiers
SK340LHT SECOS-SK340LHT Datasheet
297Kb / 2P
40V, 3A Surface Mount Schottky Barrier Rectifiers
SM140TWS SECOS-SM140TWS Datasheet
191Kb / 2P
40V, 1A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com