Electronic Components Datasheet Search
  English  ▼

X  

M52775 Datasheet(PDF) 21 Page - Mitsubishi Electric Semiconductor

Part # M52775
Description  VIF, SIF, VIDEO, CHROMA, DEFLECTION FOR NTSC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52775 Datasheet(HTML) 21 Page - Mitsubishi Electric Semiconductor

Back Button M52775 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M52775 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M52775 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M52775 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M52775 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M52775 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M52775 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M52775 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M52775 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
MITSUBISHI ICs (TV)
M52775FP
VIF, SIF, VIDEO, CHROMA, DEFLECTION FOR NTSC
21
INPUT SIGNAL
VIF/SIF
INPUT SIGNAL PARAMETERS INCLUDING
INPUT SIGNALS
1. Input signal name is two alphanumeric characters.
First character:
Standard=S, Nonstandard=V
(Modified parts should be specified.)
Second character: Meaning of signal
2. Structure of input color signal
The following figure shows the structure of color signal.
1) When S (standard) is used as the first character, the standard
color bar signal of each system is applied. H.sync should be
added for input clamp.
2) Amplitude and frequency of burst are represented as ed. In case
of standard signal, the amplitude is 285mVP-P.
3) Amplitude and frequency of chroma are represented as ec.
In case of standard signal, the amplitude is 570mVP-P and the
frequency is 3.579545MHz.
SG No.
Signals (50
Ω termination)
1f0=45.75MHz 90dB
µ fm=20kHz AM77.8%
3f0=45.75MHz 90dB
µ CW
4
f1=45.75MHz 90dB
µ CW (Mixed signal)
f2=
44±5MHz 70dBµ CW (Mixed signal)
5f0=45.75MHz variable fm=20kHz AM77.8%
6f0=45.75MHz fm=20kHz AM16% level variable
7f0=45.75MHz 80dB
µ CW
8f0=45.75MHz 110dB
µ CW
9f0=45.75
±5MHz 90dBµ CW
10
f0=44.75MHz 90dB
µ CW
11
f0=46.75MHz 90dB
µ CW
12
f1=45.75MHz 90dB
µ CW (Mixed signal)
f2=41.25MHz 80dB
µ CW (Mixed signal)
f3=42.17MHz 80dB
µ CW (Mixed signal)
13
f0=45.75MHz standard 10-step modulation
Sync ratio 28.6% AM=87.5%video modulation
Sync chip level 90dB
µ
14
f0=45.75MHz 93dB
µ CW
15
f0=45.75MHz 73dB
µ CW
16
f0=4.5MHz 100dB
µ fm=400Hz FM±25kHz dev
17
f0=4.5MHz 50dB
µ CW
20
f0=4.5MHz 100dB
µ fm=400Hz AM30%
22
f=1kHz 1VP-P CW
EX.)
First character
Second character
Standard Signal
SS
ec
eb
ec(n)
eb(n)
eb(n+1)
ec(n+1)
H.sync
500mVP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com