Electronic Components Datasheet Search
  English  ▼

X  

ZHCS350 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZHCS350
Description  SOD523 40V LOW VF SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHCS350 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZHCS350 Datasheet HTML 1Page - Zetex Semiconductors ZHCS350 Datasheet HTML 2Page - Zetex Semiconductors ZHCS350 Datasheet HTML 3Page - Zetex Semiconductors ZHCS350 Datasheet HTML 4Page - Zetex Semiconductors ZHCS350 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ZHCS350
ISSUE 1 - AUGUST 2004
2
PARAMETER
SYMBOL
LIMIT
UNIT
Continuous Reverse Voltage
VR
40
V
Continuous Forward Current
IF
350
mA
Average Peak Forward Current; D.C. = 50%
IFAV
510
mA
Non Repetitve Forward Current t < 100µS
< 10mS
IFSM
4.2
910
A
mA
Power Dissipation at TA=25°C
(a)
PD
285
mW
Power Dissipation at TA=25°C
(b)
PD
330
mW
Storage Temperature Range
Tstg
-55 to +150
°C
Junction Temperature
Tj
125
°C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient
(a)
R JA
350
°C/W
Junction to Ambient
(b)
R JA
303
°C/W
NOTES
(a) For a single device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of 1oz copper in still air conditions.
(b) As (a) above measured at t<5 secs.
THERMAL RESISTANCE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com