Electronic Components Datasheet Search
  English  ▼

X  

ASF130 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASF130
Description  Gain Block Amplifier MMIC over DC ~1000MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASF130 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASF130_17 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASF130_17 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASF130_17 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASF130_17 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASF130_17 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASF130_17 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASF130_17 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASF130_17 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASF130_17 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
ASB Inc.
 sales@asb.co.kr
February 2017
ASF130
1. Product Overview
1.1
General Description
ASF130, 3 V internally matched IF gain block amplifier MMIC, has excellent input and output return loss,
high linearity, and low noise over a wide range of frequency DC~1000 MHz, being suitable for use in
both receiver and transmitter of telecommunication systems up to 1 GHz. The amplifier is available in a
SOT363 package and passes through the stringent 100% DC & RF test via an automated test handler.
1.2
Features
 16.6 dB Gain at 150 MHz
 17.5 dBm P1dB at 150 MHz
 34 dBm Output IP3 at 150 MHz
 2.5 dB NF at 150 MHz
 MTTF > 100 Years
 Minimum External Matching Components
 Single Supply: +3 V
1.3
Applications
 Base Station Infrastructure
 Repeater
 Telecommunication System
1.4
Package Profile & RoHS Compliance
ASF130 Data Sheet
3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
SOT363, 2.1x2.0 mm2, surface mount
RoHS-compliant


Similar Part No. - ASF130_17

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASF130 ASB-ASF130 Datasheet
466Kb / 9P
3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
July 2014
More results

Similar Description - ASF130_17

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASF130 ASB-ASF130 Datasheet
466Kb / 9P
3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
July 2014
ASF133 ASB-ASF133 Datasheet
455Kb / 9P
3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
July 2014
ASF140 ASB-ASF140 Datasheet
457Kb / 9P
3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
July 2014
ASF153 ASB-ASF153 Datasheet
587Kb / 11P
3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
August 2014
ASF133 ASB-ASF133_17 Datasheet
456Kb / 9P
Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
ASF140 ASB-ASF140_17 Datasheet
459Kb / 9P
Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
ASF143 ASB-ASF143 Datasheet
464Kb / 9P
Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
ASF150 ASB-ASF150 Datasheet
471Kb / 9P
Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
ASF153 ASB-ASF153_17 Datasheet
588Kb / 11P
Gain Block Amplfier MMIC over DC ~1000MHz
February 2017
ASX520 ASB-ASX520_17 Datasheet
1Mb / 11P
Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com