Electronic Components Datasheet Search
  English  ▼

X  

ASL425 Datasheet(PDF) 11 Page - Advanced Semiconductor Business Inc.

Part # ASL425
Description  200 ~ 4000 MHz MMIC Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL425 Datasheet(HTML) 11 Page - Advanced Semiconductor Business Inc.

Back Button ASL425_17 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL425_17 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL425_17 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL425_17 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL425_17 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL425_17 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL425_17 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL425_17 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL425_17 Datasheet HTML 14Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11/14
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASL425
200 ~ 4000 MHz MMIC Amplifier
Current vs. Temperature
Gain vs. Temperature
P1dB vs. Temperature
Output IP3 vs. Temperature
Output IP3 vs. Tone Power
-60
-40
-20
0
20
40
60
80
100
300
320
340
360
380
Temperature (
oC)
-60
-40
-20
0
20
40
60
80
100
19
20
21
22
23
24
Temperature (
oC)
Frequency = 1950 MHz
-60
-40
-20
0
20
40
60
80
100
22
24
26
28
30
32
Temperature (
oC)
Frequency = 1950 MHz
-60
-40
-20
0
20
40
60
80
100
30
35
40
45
50
55
Temperature (
oC)
Frequency = 1950 MHz
NF vs. Temperature
-60
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency = 1950 MHz
Temperature (
oC)
10
11
12
13
14
15
16
17
18
19
20
25
30
35
40
45
50
55
Frequency = 1950 MHz
P
out per Tone (dBm)
-40
oc
25
oc
85
oc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com