Electronic Components Datasheet Search
  English  ▼

X  

ASX420 Datasheet(PDF) 10 Page - Advanced Semiconductor Business Inc.

Part # ASX420
Description  250 ~ 3500 MHz MMIC Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX420 Datasheet(HTML) 10 Page - Advanced Semiconductor Business Inc.

Back Button ASX420 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX420 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX420 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX420 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASX420 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASX420 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASX420 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASX420 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASX420 Datasheet HTML 14Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10/14
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASX420
250 ~ 3500 MHz MMIC Amplifier
* Test Source : WCDMA 1FA(3GPP 3.4 12-00), Test Model1 w/64 DPCH, PAR=13 dB @ 0.01% probability on CCDF / 1950 MHz / 5 MHz offset
WCDMA ACLR – 1FA
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
-70
-65
-60
-55
-50
-45
-40
-35
Output Channel Power (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com