Electronic Components Datasheet Search
  English  ▼

X  

ASX423 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASX423
Description  100 ~ 4500 MHz MMIC Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX423 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASX423 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4/14
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASX423
100 ~ 4500 MHz MMIC Amplifier
ASX423
C4=18 pF
C6=100 pF
C7=1
F
C8=100 pF
C9=1
F
RF IN
RF OUT
Vdevice=+5 V
3.5 mm
C1=100 pF
L3=8.2 nH
L1=100 nH
(Coil Inductor)
L5=56 nH
C5=22 pF
C3=6 pF
L4=18 nH
C2=100 pF
1 mm
R1=180
L2=33 nH
0
100
200
300
400
500
600
0
10
20
30
40
50
Frequency (MHz)
0
100
200
300
400
500
600
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
100
200
300
400
500
600
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency [MHz]
1) OIP3 is measured with two tones at an output power of +8 dBm/tone sepa-
rated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
IF
340 MHz
+5 V
Frequency (MHz)
340
Magnitude S21 (dB)
35
Magnitude S11 (dB)
-9
Magnitude S22 (dB)
-8
Output P1dB (dBm)
30
Output IP31) (dBm)
42
Noise Figure (dB)
2.9
Device Voltage (V)
+5
Current (mA)
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com