Electronic Components Datasheet Search
  English  ▼

X  

SM140V Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM140V
Description  1 A, 40 V Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM140V Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM140V Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM140V Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM140V
1 A, 40 V
Schottky Barrier Rectifiers
Elektronische Bauelemente
29-Oct-2015 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
RoHS Compliant
Green EMC
Matte Tin(Sn) Lead Finish
Band Indicates Cathode
MARKING CODE
SL
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-323L
3K
7 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (T
A=25°C, unless otherwise noted.)
Parameter
Symbol
Rating
Unit
Repetitive Peak Reverse Voltage
VRM
40
V
Average Rectified Output Current
IO
1
A
Peak Forward Surge Current@ t=8.3ms single half sine-wave
IFSM
9
A
Repetitive Peak Forward Current
IFRM
1.5
A
Power Dissipation
PD
250
mW
Junction and Storage Temperature Range
TJ, TSTG
-55~125
°C
Notes:
1.
These ratings are limited and the testing conditions should not be passed or the serviceability of the diode may be impaired.
ELECTRICAL CHARACTERISTICS (T
A=25°C, unless otherwise noted.)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Reverse Breakdown Voltage
VBR
40
-
-
V
IF=1mA
Reverse Leakage Current
IR
-
-
1
µA
VR=40V
Forward Voltage
VF
-
-
0.6
V
IF=1A
Diode Capacitance
Cd
-
30
-
pF
VR=4V, f=1MHz
SOD-323L
E
F
B
C
D
A
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.30
2.70
D
1.60
2.10
B
1.05
1.45
E
0.25
0.40
C
0.60
1.00
F
0.05
0.25


Similar Part No. - SM140V

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM140V-C SECOS-SM140V-C Datasheet
131Kb / 2P
Schottky Barrier Rectifiers
More results

Similar Description - SM140V

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS0540P SECOS-SCS0540P Datasheet
270Kb / 2P
0.5 A, 40 V Schottky Barrier Rectifiers
SCS0540V SECOS-SCS0540V Datasheet
267Kb / 2P
0.5 A, 40 V Schottky Barrier Rectifiers
SCS751G SECOS-SCS751G_11 Datasheet
175Kb / 2P
0.03 A , 40 V Schottky Barrier Rectifiers
SCS1100P SECOS-SCS1100P Datasheet
270Kb / 2P
1 A, 100 V Schottky Barrier Rectifiers
SCS1100V SECOS-SCS1100V Datasheet
269Kb / 2P
1 A, 100 V Schottky Barrier Rectifiers
logo
NXP Semiconductors
PMEG4010ETR NXP-PMEG4010ETR Datasheet
204Kb / 13P
High-temperature 40 V, 1 A Schottky barrier rectifier
26 September 2012
logo
ON Semiconductor
NSR10404NXT5G ONSEMI-NSR10404NXT5G Datasheet
63Kb / 5P
1 A, 40 V, Schottky Barrier Diode
July, 2016 ??Rev. 1
logo
SeCoS Halbleitertechnol...
SCS160WS SECOS-SCS160WS Datasheet
182Kb / 2P
1 A, 60 V Schottky Barrier Rectifiers
logo
Nexperia B.V. All right...
PMEG4010EP-Q NEXPERIA-PMEG4010EP-Q Datasheet
254Kb / 12P
40 V, 1 A low VF Schottky barrier rectifier
20 February 2023
PMEG4010EP NEXPERIA-PMEG4010EP Datasheet
254Kb / 12P
40 V, 1 A low VF Schottky barrier rectifier
20 February 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com