Electronic Components Datasheet Search
  English  ▼

X  

2SB1184 Datasheet(PDF) 2 Page - Rohm

Part # 2SB1184
Description  Power Transistor (-60V, -3A)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SB1184 Datasheet(HTML) 2 Page - Rohm

  2SB1184 Datasheet HTML 1Page - Rohm 2SB1184 Datasheet HTML 2Page - Rohm 2SB1184 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SB1184 / 2SB1243
Transistors
2/3
!
!
!
!
Electrical characteristics (Ta=25
°C)
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
Base-emitter saturation voltage
DC current transfer ratio
Transition frequency
Output capacitance
∗ Measured using pulse current.
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
−60
−50
−5
−
−
82
−
−
−
−
−
−
−
−
−
−
70
50
−
−
−
−1
−1
390
−1
−
−
V
IC
=−50µA
IC
=−1mA
IE
=−50µA
VCB
=−40V
VEB
=−4V
VCE
=−3V, IC=−0.5A
IC/IB
=−2A/−0.2A
VCE
=−5V, IE=0.5A, f=30MHz
VCB
=−10V, IE=0A, f=1MHz
V
V
µA
µA
−
V
∗
∗
VBE(sat)
−−
−1.2
IC/IB
=−1.5A/−0.15A
V
MHz
pF
Typ.
Max.
Unit
Conditions
∗
!
!
!
!
Packaging specifications and hFE
Package
Code
Basic ordering unit (pieces)
TL
TV2
2500
2500
−
−
Taping
PQR
hFE
PQR
2SB1184
2SB1243
Type
hFE values are classified as follows :
Item
P
Q
R
hFE
82~180
120~270
180~390
!
!
!
!
Electrical characteristic curves
BASE TO EMITTER VOLTAGE : VBE
(V)
0
−0.2
−1.4
−0.4
−0.8
−1.2
−1.6 −1.8
−1.0
−0.6
−0.01
−0.05
−0.1
−0.02
−0.5
−1
−0.2
−5
−10
−2
VCE
=−3V
Ta
=100°C
25
°C
-25
°C
Fig.1 Grounded emitter
propagation characteristics
−1
0
−2
−3
−4
−5
0
−0.5
−1.0
−1.5
−2.0
−2.5
−3.0
IB
=0mA
−5mA
−10mA
−15mA
−20mA
Tc
=25°C
−50mA
−45mA
−40mA
−35mA
−30mA
−25mA
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.2 Grounded emitter output
characteristics (
Ι )
Fig.3 Grounded emitter output
characteristics (
ΙΙ )
−10
0
−20
−30
−40
−50
0
−0.5
−1.0
−2.0
−1.5
−2.5
−3.0
IB
=0mA
IB
=−5mA
−10mA
−25mA
−30mA
−35mA
−40mA
−45mA
−50mA
−20mA
−15mA
PC
=15W
Tc=25
°C
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Data downloaded from http://www.angliac.com - the website of Anglia - tel: 01945 474747
For the very latest product data and news visit angliac.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com