| Electronic Components Datasheet Search |
|
CM01-CAP Datasheet(PDF) 2 Page - DDK Ltd. |
|
|
|||||||||||||||||||||||||||||
CM01-CAP Datasheet(HTML) 2 Page - DDK Ltd. |
|
2 / 6 page ![]() http://www.ddknet.co.jp ◎ Specifications and/or dimensions in this catalog are subject to change without notice. Your checking the latest specifications with our drawings would be highly appreciated. 2 30.85 29.35 25.9 24.4 Item Conductor Size AWG 22 - AWG 24 AWG 18 - AWG 20 A set of crimp tool for straight contacts 357J-19811 357J-17917 Contents Hand Tool 357J-12610 357J-12610 Locator 357J-18918 357J-18918 Inspection Gauge 2 357J-19779-2 357J-17900-2 A set of crimp tool for angle contacts 357J-19812 357J-17898 Contents Hand Tool 357J-12610 357J-12610 Locator 357J-17899 357J-17899 Inspection Gauge 1 357J-19779-1 357J-17900-1 Inspection Gauge 2 357J-19779-2 357J-17900-2 Item Conductor Size AWG 18-AWG 20 A set of crimp tool for angle contacts 357J-21598 Contents Hand Tool 357J-12610 Locator 357J-17899 Inspection Gauge 2 357J-17900-2 ・For DeviceNet Plug and Jack Highly reliable crimp termination can be made for the straight plug and the straight jack. Two kinds of crimp tools are needed since a connector has a straight contact and angle contacts of which style are different. However the locater can be removed and you can use one hand tool for termination if you have two locators each for the straight contact and the angle contacts. ・For CC-Link Plug and Jack The connectors for CC-Link network will have four (4) angle contacts and the style of contact is only one. It is feasible for you to terminate the cable to the contacts by one kind of the crimp tool for angle contacts. Straight Pin Contact Angle Pin Contact Straight Socket Contact Angle Socket Contact RoHS Compliant RoHS Compliant Item Plug (With Socket Contacts) Jack (With Pin Contacts) Resistor (With Pin or Socket Contacts) Insulator Plastic(UL94V-0)/Black Plastic(UL94V-0)/Black Plastic(UL94V-0)/Black Contact Copper Alloy/Gold Plating Copper Alloy/Gold Plating Copper Alloy/Gold Plating Coupling Ring Copper Alloy/Nickel Plating Copper Alloy/Gold Plating Copper Alloy/Gold Plating Backshell Nut Aluminum Alloy/Black Aluminum Alloy/Black Aluminum Alloy/Black Contact Holder Plastic(UL94V-0)/Black Plastic(UL94V-0)/Black Plastic(UL94V-0)/Black Backshell Plastic(UL94V-0)/Black Plastic(UL94V-0)/Black Plastic(UL94V-0)/Black Clamp Nut Plastic(UL94V-0)/Black Plastic(UL94V-0)/Black O-Ring Synthetic Rubber/Black Synthetic Rubber/Black Synthetic Rubber/Black Gasket Synthetic Rubber/Black Synthetic Rubber/Black for Socket Bushing Synthetic Rubber/Black Synthetic Rubber/Black Item “T”Tap Receptacle (With Pin Contacts) Plug Receptacle (With Socket Contacts) Insulator Plastic(UL94V-0)/Black Plastic(UL94V-0)/Black Plastic(UL94V-0)/Black Contact Copper Alloy/Gold Plating Copper Alloy/Gold Plating Copper Alloy/Gold Plating Coupling Ring Zinc Alloy/Nickel Plating Shell Copper Alloy/Nickel Plating Zinc Alloy/Nickel Plating Nut Washer Copper Alloy/Nickel Plating Copper Alloy/Nickel Plating Gasket(Mating Side) Synthetic Rubber/Black Synthetic Rubber/Black Gasket(Mounting Side) Synthetic Rubber/Black Synthetic Rubber/Black Overmolding Resin Plastic(UL94V-0)/Black MATERIAL/FINISH CRIMP TOOL ◆ CONFIGURATION OF CONTACTS |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |