Electronic Components Datasheet Search
  English  ▼

X  

QG302AM Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # QG302AM
Description  Voltage 50 ~ 1000 V 3.0Amp Surface Mount Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

QG302AM Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  QG302AM Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH QG302AM Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
QG301AM~QG307AM
Voltage 50 ~ 1000 V
3.0Amp Surface Mount Silicon Rectifiers
17-Apr -2015 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low profile package
Glass Passivated Chip Juntion
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case : SMAM
Terminals: Solderable per MIL-STD-750, Method 2026
Weight: 27 mgram (Approximate)
MARKING
Part Number
Marking Code
Part Number
Marking Code
QG301AM
S3A
QG305AM
S3J
QG302AM
S3B
QG306AM
S3K
QG303AM
S3D
QG307AM
S3M
QG304AM
S3G
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMAM
3K
7 inch
ABSOLUTE MAXIMUM RATINGS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
QG
301AM
QG
302AM
QG
303AM
QG
304AM
QG
305AM
QG
306AM
QG
307AM
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current
IF
3
A
Peak Forward Surge Current, 8.3ms single
half sine-wave superimposed on rated load
IFSM
100
A
Maximum Instantaneous Forward Voltage
IF=3A
VF
1.2
V
TA=25°C
5
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TA=125°C
IR
250
µA
Typical Junction Capacitance
1
CJ
53
pF
Typical Thermal Resistance
2
RθJL
22
°C/W
Typical Thermal Resistance
2
RθJC
30
°C/W
Operating & Storage Temperature
TJ,TSTG
-55~ 150
°C
Notes:
1. Measured at 1 MHz and applied reverse voltage of 4 V D.C
2. P.C.B. mounted with 10 X 10 x 0.2 mm copper pad areas.
SMAM
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.30
3.70
D
0.80
1.20
B
2.40
2.70
E
1.30
1.60
C
4.40
4.90
F
0.90
1.10


Similar Part No. - QG302AM

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
QG302B SECOS-QG302B Datasheet
145Kb / 2P
VOLTAGE 50V ~ 1000V 3.0Amp Surface Mount Silicon Rectifiers
QG302B-C SECOS-QG302B-C Datasheet
167Kb / 2P
Surface Mount Silicon General Purpose Rectifiers
QG302C SECOS-QG302C Datasheet
137Kb / 2P
VOLTAGE 50V ~ 1000V 3.0AMP Surface Mount Silicon Rectifiers
QG302YAM SECOS-QG302YAM Datasheet
270Kb / 2P
3.0Amp Surface Mount Silicon Rectifiers
More results

Similar Description - QG302AM

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
QG301B SECOS-QG301B Datasheet
145Kb / 2P
VOLTAGE 50V ~ 1000V 3.0Amp Surface Mount Silicon Rectifiers
QG301C SECOS-QG301C Datasheet
137Kb / 2P
VOLTAGE 50V ~ 1000V 3.0AMP Surface Mount Silicon Rectifiers
SM4001A SECOS-SM4001A_12 Datasheet
207Kb / 2P
Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
DF2005S SECOS-DF2005S Datasheet
227Kb / 2P
Voltage 50 V ~ 1000 V2.0 Amp Surface Mount Bridge Rectifiers
QG301B SECOS-QG301B_15 Datasheet
146Kb / 2P
3.0Amp Surface Mount Silicon Rectifiers
QG201AM SECOS-QG201AM Datasheet
164Kb / 2P
Voltage 50 ~ 1000 V 2.0Amp Surface Mount Silicon Rectifiers
QG201JD SECOS-QG201JD Datasheet
222Kb / 2P
Voltage 50 ~ 1000 V 2.0Amp Surface Mount Silicon Rectifiers
SM4001AM SECOS-SM4001AM Datasheet
160Kb / 2P
Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
SM4001JD SECOS-SM4001JD Datasheet
164Kb / 2P
Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
QG301YAM SECOS-QG301YAM Datasheet
270Kb / 2P
3.0Amp Surface Mount Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com