Electronic Components Datasheet Search
  English  ▼

X  

HT27C010 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT27C010
Description  CMOS 128K X 8-Bit OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT27C010 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT27C010 Datasheet HTML 6Page - Holtek Semiconductor Inc HT27C010 Datasheet HTML 7Page - Holtek Semiconductor Inc HT27C010 Datasheet HTML 8Page - Holtek Semiconductor Inc HT27C010 Datasheet HTML 9Page - Holtek Semiconductor Inc HT27C010 Datasheet HTML 10Page - Holtek Semiconductor Inc HT27C010 Datasheet HTML 11Page - Holtek Semiconductor Inc HT27C010 Datasheet HTML 12Page - Holtek Semiconductor Inc HT27C010 Datasheet HTML 13Page - Holtek Semiconductor Inc HT27C010 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
32-pin SOP (450mil) outline dimensions
Symbol
Dimensions in mil
Min.
Nom.
Max.
A
543
¾
557
B
440
¾
450
C14
¾
20
C
¢¾
¾
817
D
100
¾
112
E
¾
50
¾
F4
¾¾
G32
¾
38
H4
¾
12
a
0
°¾
10
°
HT27C010
Rev. 1.10
10
November 21, 2002
3 2
1
1 7
1 6
A
B
C
D
.
C '
G
H
a
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com