Electronic Components Datasheet Search
  English  ▼

X  

AD7312 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AD7312
Description  1/4 to 1/11 Duty VFD Controller/Driver & Standby Master/Slave
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AD7312 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AD7312 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD7312 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD7312 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD7312 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD7312 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD7312 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7312 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD7312 Datasheet HTML 10Page - List of Unclassifed Manufacturers AD7312 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD7312
1/4 to 1/11 Duty VFD Controller/Driver & Standby Master/Slave (Preliminary)
Anachip Corp.
www.anachip.com.tw
Rev. A2 Dec 29, 2003
7/12
(2)Key Scanning and Display Timing
On cycle of key scanning consists of one frame, and data in a 6× 4 matrix is stored in RAM.
1/16
TDISP
1 frame = TDISP× (n+1)
TDISP 500μs
SEG Output
Grid1
Grid2
Grid3
Gridn
DIG1
DIG2
DIG3
DIGn
Key scan data
DIG1
12 3 4 5 6
≅
Switching characteristic waveforms
fosc
50%
OSC
tTHZ
tTZH
STB
CLK
DIN
DOUT
Sn/Gn
90%
10%
PWCLK
PWCLK
tHOLD
tSETUP
tPLZ
PWSTB
tCLK-STB
tPZL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com