Electronic Components Datasheet Search
  English  ▼

X  

SMPD1545L Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMPD1545L
Description  45V, 15A Low VF Planar MOS Barrier Schottky Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMPD1545L Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMPD1545L Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMPD1545L Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SMPD1545L
45V, 15A
Low VF Planar MOS Barrier Schottky Rectifiers
27-Mar-2017 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Planar MOS Schottky technology
Low forward voltage drop
High Thermal Reliability
High current capability
High surge current capability
Excellent High Temperature Stability
Plastic Material-UL Flammability 94V-0
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-277D
5K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(TA=25°C, unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Peak Repetitive Reverse Voltage
VRRM
45
V
Maximum Working Peak Reverse Voltage
VRWM
45
V
Maximum DC Blocking Voltage
VDC
45
V
Maximum Average Rectified Output Current
IF
15
A
Non-Repetitive Peak Forward Surge Current@ 8.3ms Single Half
Sine-Wave
IFSM
280
A
Voltage Rate of Chance (Rated VR)
dv/dt
10000
V / µs
Typical Thermal Resistance from Junction to Ambient
RθJA
80
°C / W
Typical Thermal Resistance from Junction to Lead
RθJL
3.5
°C / W
Operating Junction and Storage Temperature Range
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Typ.
Max.
Unit
Test Condition
0.33
0.36
V
IF=3A, TA=25°C
0.37
0.41
V
IF=5°, TA=25°C
0.43
0.46
V
IF=10A, TA=25°C
0.49
0.52
V
IF=15A, TA=25°C
Maximum Forward Voltage
VF
0.47
-
V
IF=15A, TA=125°C
-
0.3
TJ=25°C
Maximum DC Reverse Current at Rated DC Blocking
Voltage
2
IR
-
15
mA
TJ=100°C
Typical Junction Capacitance
1
CJ
650
-
pF
Notes:
1.
Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2.
Pulse Test:Pulse Width = 300 µs, Duty Cycle ≦ 2.0%.
TO-277D
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.65
1.95
G
3.25
3.85
B
5.3
5.5
H
0.45
0.65
C
1.7
1.9
I
2.9
3.2
D
3.8
4.2
J
6.4
6.6
E
0.45
0.65
K
0.3
0.45
F
0.8
1.0
L
1.0
1.2


Similar Part No. - SMPD1545L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMPD15100L SECOS-SMPD15100L Datasheet
215Kb / 2P
100V, 15A Low VF Schottky Barrier Rectifiers
SMPD15120L SECOS-SMPD15120L Datasheet
219Kb / 2P
120V, 15A Low VF Schottky Barrier Rectifiers
SMPD15150L SECOS-SMPD15150L Datasheet
215Kb / 2P
150V, 15A Low VF Schottky Barrier Rectifiers
SMPD15150L SECOS-SMPD15150L Datasheet
115Kb / 2P
Low VF Schottky Barrier Rectifiers
SMPD15150L SECOS-SMPD15150L_18 Datasheet
115Kb / 2P
Low VF Schottky Barrier Rectifiers
More results

Similar Description - SMPD1545L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBL30U45 SECOS-SBL30U45 Datasheet
150Kb / 2P
Voltage 45V,30.0 Amp Low VF planar MOS Barrier Schottky Rectifier
SBL30U45F SECOS-SBL30U45F Datasheet
162Kb / 2P
Voltage 45V 30Amp Low VF planar MOS Barrier Schottky Rectifier
SMPD1045L SECOS-SMPD1045L Datasheet
183Kb / 2P
45V, 10A Low VF Schottky Barrier Rectifiers
SMPD15100L SECOS-SMPD15100L Datasheet
215Kb / 2P
100V, 15A Low VF Schottky Barrier Rectifiers
SMPD15120L SECOS-SMPD15120L Datasheet
219Kb / 2P
120V, 15A Low VF Schottky Barrier Rectifiers
SMPD15150L SECOS-SMPD15150L Datasheet
215Kb / 2P
150V, 15A Low VF Schottky Barrier Rectifiers
SMPD15200L SECOS-SMPD15200L Datasheet
225Kb / 2P
200V, 15A Low VF Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
SR5L045 PACELEADER-SR5L045 Datasheet
688Kb / 3P
5A LOW VF TRENCH MOS SCHOTTKY RECTIFIERS 45V
logo
SeCoS Halbleitertechnol...
SBL20A60 SECOS-SBL20A60 Datasheet
217Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifiers
logo
Shenzhen Luguang Electr...
SD15S45SL LUGUANG-SD15S45SL Datasheet
8Mb / 4P
15A/45V Low VF Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com