Electronic Components Datasheet Search
  English  ▼

X  

SMPD5100L Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMPD5100L
Description  100V, 5A Low VF Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMPD5100L Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMPD5100L Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMPD5100L Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SMPD5100L
100V, 5A
Low VF Schottky Barrier Rectifiers
25-Nov-2016 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Schottky Barrier Chip
High Thermal Reliability
Patented Super Barrier Rectifier Technology
High Forward Surge Capability
Ultra Low Power Loss and High Efficiency
Excellent High Temperature Stability
Plastic Material-UL Flammability 94V-0
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-277D
5K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(TA=25°C, unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Peak Repetitive Reverse Voltage
VRRM
100
V
Maximum Working Peak Reverse Voltage
VRWM
100
V
Maximum DC Blocking Voltage
VDC
100
V
Maximum RMS Rectified Voltage
VRMS
70
V
Maximum Average Rectified Output Current
1
IF
5
A
Non-Repetitive Peak Forward Surge Current@ 8.3ms Single Half
Sine-Wave, Superimposed on Rated Load (JEDEC method)
2
IFSM
150
A
I
2t Rating for Fusing@ t<
<
<
<8.3ms
I
2t
93.375
A
2S
Typical Thermal Resistance from Junction to Ambient
RθJA
80
°C / W
Typical Thermal Resistance from Junction to Lead
RθJL
15
°C / W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Notes:
1
The data is tested on the condition that the ambient temperature is tested at a 9.5mm distance from the case.
2
FR-4 2oz 18.8mm×14.4mm PCB with 5.6mm×14.4mm copper pad.
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Typ.
Max.
Unit
Test Condition
0.4
-
IF=1A, TA=25°C
0.47
-
IF=3A, TA=25°C
Forward Voltage Drop
VFM
0.52
0.60
V
IF=5A, TA=25°C
-
0.3
TA=25°C
Peak Reverse Current at Rated DC Blocking Voltage
IR
-
15
mA
TA=100°C
TO-277D
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.65
1.95
G
3.25
3.85
B
5.3
5.5
H
0.45
0.65
C
1.7
1.9
I
2.9
3.2
D
3.8
4.2
J
6.4
6.6
E
0.45
0.65
K
0.3
0.45
F
0.8
1.0
L
1.0
1.2


Similar Part No. - SMPD5100L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMPD5100L SECOS-SMPD5100L Datasheet
137Kb / 2P
Low VF Schottky Barrier Rectifiers
SMPD5100L SECOS-SMPD5100L_18 Datasheet
137Kb / 2P
Low VF Schottky Barrier Rectifiers
More results

Similar Description - SMPD5100L

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S05A70 MOSPEC-S05A70 Datasheet
232Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(5A,70-100V)
logo
SeCoS Halbleitertechnol...
SBL20H100RF SECOS-SBL20H100RF Datasheet
309Kb / 2P
VOLTAGE 100V 20.0 Amp Low VF Schottky Barrier Rectifiers
SBL40H100RF SECOS-SBL40H100RF Datasheet
328Kb / 2P
VOLTAGE 100V 40.0 Amp Low VF Schottky Barrier Rectifiers
SK56BL SECOS-SK56BL Datasheet
200Kb / 2P
5A, 60V Low VF Schottky Barrier Rectifiers
SK5100BM SECOS-SK5100BM Datasheet
186Kb / 2P
100V, 5A Low VF Schottky Barrier Rectifiers
SMPD5100 SECOS-SMPD5100 Datasheet
263Kb / 2P
100V, 5A Surface Mount Schottky Barrier Rectifiers
SMPD10100L SECOS-SMPD10100L Datasheet
246Kb / 2P
100V, 10A Low VF Schottky Barrier Rectifiers
SMPD15100L SECOS-SMPD15100L Datasheet
215Kb / 2P
100V, 15A Low VF Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
SR5U10 PACELEADER-SR5U10 Datasheet
659Kb / 3P
5A ULTRA LOW VF TRENCH MOS SCHOTTKY RECTIFIERS 100V
SR5L10 PACELEADER-SR5L10 Datasheet
718Kb / 3P
5A LOW VF TRENCH MOS SCHOTTKY RECTIFIERS 100V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com