Electronic Components Datasheet Search
  English  ▼

X  

S1200 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S1200
Description  HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1200 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S1200 Datasheet HTML 1Page - Seiko Instruments Inc S1200 Datasheet HTML 2Page - Seiko Instruments Inc S1200 Datasheet HTML 3Page - Seiko Instruments Inc S1200 Datasheet HTML 4Page - Seiko Instruments Inc S1200 Datasheet HTML 5Page - Seiko Instruments Inc S1200 Datasheet HTML 6Page - Seiko Instruments Inc S1200 Datasheet HTML 7Page - Seiko Instruments Inc S1200 Datasheet HTML 8Page - Seiko Instruments Inc S1200 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
S-1200 Series
www.sii-ic.com
HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT
CAPACITANCE CMOS VOLTAGE REGULATOR
© SII Semiconductor Corporation, 2003-2015
Rev.5.1_01
1
The S-1200 Series, developed by using CMOS technology, is a positive voltage regulator with a low dropout
voltage, high accuracy output voltage.
A 0.1
μF small ceramic capacitor can be used. It operates with low current consumption of 18 μA typ.
The built-in output current protection circuit prevents the load current from exceeding the current capacity of the
output transistor.
Compared with the voltage regulators using the conventional CMOS technology, small ceramic capacitors are
also available. Furthermore, the small HSNT-6A package realizes high-density mounting.
Features
• Output voltage:
1.5 V to 5.5 V, selectable in 0.1 V step
• Input voltage:
2.0 V to 10.0 V
• Output voltage accuracy:
±1.0%
• Dropout voltage:
140 mV typ. (3.0 V output product, IOUT
= 100 mA)
• Current consumption:
During operation: 18
μA typ., 40 μA max.
During power-off: 0.01
μA typ., 1.0 μA max.
• Output current:
Possible to output 150 mA (VIN
≥ VOUT(S) + 1.0 V)*1
• Input and output capacitors:
A ceramic capacitor of 0.1
μF or more can be used.
• Ripple rejection:
70 dB typ. (f
= 1.0 kHz, 1.5 V ≤ VOUT ≤ 3.0 V)
65 dB typ. (f
= 1.0 kHz, 3.1 V ≤ VOUT ≤ 5.5 V)
• Built-in overcurrent protection circuit:
Limits overcurrent of output transistor.
• Built-in ON/OFF circuit:
Ensures long battery life.
• Operation temperature range:
Ta
= −40°C to + 85°C
• Lead-free, Sn 100%, halogen-free*2
*1. Attention should be paid to the power dissipation of the package when the output current is large.
*2. Refer to “ Product Name Structure” for details.
Applications
• Power supply for battery-powered device
• Power supply for personal communication device
• Power supply for home electric/electronic appliance
• Power supply for cellular phone
Packages
• SNT-6A(H)
• SOT-23-5
• HSNT-6A


Similar Part No. - S1200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S1200 ETC-S1200 Datasheet
1Mb / 16P
POSITION SENSITIVE DETECTOR
logo
Mersen
S1200041 MERSEN-S1200041 Datasheet
2Mb / 18P
HelioProtection® HP15NH Photovoltaic fuse-links gPV 1500VDC
0922
logo
Okaya Electric America,...
S120033 OKAYA-S120033 Datasheet
292Kb / 1P
SPARK QUENCHER
S120033 OKAYA-S120033 Datasheet
65Kb / 1P
SPARK QUENCHER
S120033 OKAYA-S120033_14 Datasheet
65Kb / 1P
SPARK QUENCHER
More results

Similar Description - S1200

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1112 SII-S-1112 Datasheet
388Kb / 29P
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112_1 Datasheet
412Kb / 30P
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1170 SII-S-1170 Datasheet
392Kb / 29P
HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1200 SII-S-1200 Datasheet
479Kb / 31P
HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1138 UTC-L1138 Datasheet
234Kb / 8P
HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
S-1200 ABLIC-S-1200 Datasheet
629Kb / 37P
HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com