Electronic Components Datasheet Search
  English  ▼

X  

BC557 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BC557
Description  PNP general purpose transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC557 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BC557 Datasheet HTML 2Page - NXP Semiconductors BC557 Datasheet HTML 3Page - NXP Semiconductors BC557 Datasheet HTML 4Page - NXP Semiconductors BC557 Datasheet HTML 5Page - NXP Semiconductors BC557 Datasheet HTML 6Page - NXP Semiconductors BC557 Datasheet HTML 7Page - NXP Semiconductors BC557 Datasheet HTML 8Page - NXP Semiconductors BC557 Datasheet HTML 9Page - NXP Semiconductors BC557 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1997 Mar 27
6
Philips Semiconductors
Product specification
PNP general purpose transistors
BC556; BC557; BC558
Fig.4 DC current gain; typical values.
handbook, full pagewidth
0
300
200
100
600
500
400
MBH728
10−2
10−1
hFE
1
IC (mA)
10
103
102
VCE = 5 V
BC557C; BC558C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com