Electronic Components Datasheet Search
  English  ▼

X  

S5725 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S5725
Description  HIGH-SPEED BIPOLAR HALL EFFECT LATCH
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5725 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S5725 Datasheet HTML 9Page - Seiko Instruments Inc S5725 Datasheet HTML 10Page - Seiko Instruments Inc S5725 Datasheet HTML 11Page - Seiko Instruments Inc S5725 Datasheet HTML 12Page - Seiko Instruments Inc S5725 Datasheet HTML 13Page - Seiko Instruments Inc S5725 Datasheet HTML 14Page - Seiko Instruments Inc S5725 Datasheet HTML 15Page - Seiko Instruments Inc S5725 Datasheet HTML 16Page - Seiko Instruments Inc S5725 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
Rev.2.5_01
S-5725 Series
13
2. 3 S-5725JxBxx
Table 14
(Ta =
+25°C, VDD = 5.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Power supply voltage
VDD
−
2.7
5.0
5.5
V
−
Current consumption
IDD
Average value
−
1400.0 2000.0
μA
1
Current consumption during
power-down
IDD2
VCE = VSS
−
−
1
μA
6
Output voltage
VOUT
Nch open-drain
output product
Output transistor Nch,
IOUT = 2 mA
−
−
0.4
V
2
CMOS output
product
Output transistor Nch,
IOUT = 2 mA
−
−
0.4
V
2
Output transistor Pch,
IOUT =
−2 mA
VDD
−
0.4
−
−
V
3
Leakage current
ILEAK
Nch open-drain output product
Output transistor Nch, VOUT = 5.5 V
−
−
1
μA
4
Awake mode time
tAW
−
−
50
−
μs
−
Sleep mode time
tSL
−
−
0
−
μs
−
Operating cycle
tCYCLE
tAW
+ tSL
−
50
100
μs
−
Enabling pin input voltage "L"
VCEL
−
−
−
VDD
×
0.3
V
−
Enabling pin input voltage "H"
VCEH
−
VDD
×
0.7
−
−
V
−
Enabling pin input current "L"
ICEL
VDD = 5.0 V, VCE = 0 V
−1
−
1
μA
7
Enabling pin input current "H"
ICEH
VDD = 5.0 V, VCE = 5.0 V
−1
−
1
μA
8
Power-down transition time
tOFF
−
−
−
100
μs
−
Enable transition time
tON
−
−
−
100
μs
−
Output logic update time after
inputting "H" to enabling pin
tOE
−
−
−
200
μs
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com