Electronic Components Datasheet Search
  English  ▼

X  

BC558 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BC558
Description  PNP general purpose transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC558 Datasheet(HTML) 4 Page - NXP Semiconductors

  BC558 Datasheet HTML 1Page - NXP Semiconductors BC558 Datasheet HTML 2Page - NXP Semiconductors BC558 Datasheet HTML 3Page - NXP Semiconductors BC558 Datasheet HTML 4Page - NXP Semiconductors BC558 Datasheet HTML 5Page - NXP Semiconductors BC558 Datasheet HTML 6Page - NXP Semiconductors BC558 Datasheet HTML 7Page - NXP Semiconductors BC558 Datasheet HTML 8Page - NXP Semiconductors BC558 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Mar 27
4
Philips Semiconductors
Product specification
PNP general purpose transistors
BC556; BC557; BC558
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Notes
1. VBEsat decreases by about −1.7 mV/K with increasing temperature.
2. VBE decreases by about −2 mV/K with increasing temperature.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −30 V
−−1
−15
nA
IE = 0; VCB = −30 V; Tj = 150 °C
−−−4
µA
IEBO
emitter cut-off current
IC = 0; VEB = −5V
−−−100 nA
hFE
DC current gain
IC = −2 mA; VCE = −5V;
see Figs 2, 3 and 4
BC556
125
−
475
BC557; BC558
125
−
800
BC556A; BC557A; BC558A
125
−
250
BC556B; BC557B; BC558B
220
−
475
BC557C; BC558C
420
−
800
VCEsat
collector-emitter saturation voltage IC = −10 mA; IB = −0.5 mA
−−60
−300 mV
IC = −100 mA; IB = −5mA
−−180 −650 mV
VBEsat
base-emitter saturation voltage
IC = −10 mA; IB = −0.5 mA; note 1
−−750 −
mV
IC = −100 mA; IB = −5 mA; note 1
−−930 −
mV
VBE
base-emitter voltage
IC = −2 mA; VCE = −5 V; note 2
−600 −650 −750 mV
IC = −10 mA; VCE = −5 V; note 2
−−−820 mV
Cc
collector capacitance
IE =ie = 0; VCB = −10 V; f = 1 MHz
−
3
−
pF
Ce
emitter capacitance
IC =ic = 0; VEB = −0.5 V; f = 1 MHz
−
10
−
pF
fT
transition frequency
IC = −10 mA; VCE = −5 V; f = 100 MHz 100
−−
MHz
F
noise figure
IC = −200 µA; VCE = −5 V; RS =2kΩ;
f = 1 kHz; B = 200 Hz
−
210
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com