Electronic Components Datasheet Search
  English  ▼

X  

BIF3 Datasheet(PDF) 3 Page - BeRex Corporation

Part # BIF3
Description  5-800 MHz Internally Matched IF Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BIF3 Datasheet(HTML) 3 Page - BeRex Corporation

  BIF3 Datasheet HTML 1Page - BeRex Corporation BIF3 Datasheet HTML 2Page - BeRex Corporation BIF3 Datasheet HTML 3Page - BeRex Corporation BIF3 Datasheet HTML 4Page - BeRex Corporation BIF3 Datasheet HTML 5Page - BeRex Corporation BIF3 Datasheet HTML 6Page - BeRex Corporation BIF3 Datasheet HTML 7Page - BeRex Corporation BIF3 Datasheet HTML 8Page - BeRex Corporation BIF3 Datasheet HTML 9Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
S-Parameter
(Vdevice = 5.0V, Icc = 85mA, T = 25 °C, calibrated to device leads)
Typical Performance (Vd = 5V, Ic = 85mA, T = 25°C)
5-800 MHz Internally Matched IF Amplifier
BIF3
Typical Performance (Vd = 4.7V, Ic = 64mA, T = 25°C)
Typical Performance (Vd = 4.5V, Ic = 54mA, T = 25°C)
Freq
MHz
70
140
250
500
800
S21
dB
20.3
20.2
19.9
19.0
17.9
S11
dB
-19
-18
-15
-11
-8
S22
dB
-16
-17
-16
-13
-11
P1
dBm
23.5
24.5
24.5
24.2
24.0
OIP3
dBm
44
41.5
40.5
40.5
39.5
NF
dB
5.1
5.2
5.2
5.3
5.3
Freq
MHz
70
140
250
500
800
S21
dB
20.1
19.9
19.7
18.9
17.6
S11
dB
-27.2
-24.6
-16.8
-11.3
-9.3
S22
dB
-13.1
-12.6
-13
-12.5
-9.7
P1
dBm
22.9
23.5
23.3
23.3
22.7
OIP3
dBm
35.0
38.5
39.5
36.5
35.3
NF
dB
5.1
5.2
5.2
5.3
5.3
Freq
MHz
70
140
250
500
800
S21
dB
20.2
20.2
19.8
18.7
17.5
S11
dB
-18.8
-19
-16.1
-11.8
-9.2
S22
dB
-14.1
-16
-15.1
-11.8
-9.6
P1
dBm
22.1
23.0
23.1
22.6
22.2
OIP3
dBm
34.5
37.5
34.5
35.5
34.5
NF
dB
5.1
5.2
5.2
5.3
5.3
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[MHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
100
0.624
178.2
10.523
169.9
0.059
1.5
0.096
-26.0
500
0.678
164.5
7.809
137.3
0.069
0.3
0.162
-107.1
1000
0.748
144.2
5.812
155.4
0.067
-0.4
0.223
-156.6
1500
0.788
121.2
4.823
100.6
0.078
-7.1
0.272
167.3
2000
0.790
102.1
4.095
82.6
0.070
-23.9
0.271
140.3
2500
0.861
76.9
3.935
74.1
0.076
-17.5
0.305
116.8
3000
0.873
54.1
4.121
51.6
0.072
-41.4
0.327
94.2
3500
0.955
26.4
3.614
30.1
0.061
-39.1
0.347
75.9
4000
1.037
-3.3
3.252
11.4
0.060
-53.2
0.362
55.0
Rev. E
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com