Electronic Components Datasheet Search
  English  ▼

X  

BIF7 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BIF7
Description  5-800 MHz Internally Matched IF Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BIF7 Datasheet(HTML) 1 Page - BeRex Corporation

  BIF7 Datasheet HTML 1Page - BeRex Corporation BIF7 Datasheet HTML 2Page - BeRex Corporation BIF7 Datasheet HTML 3Page - BeRex Corporation BIF7 Datasheet HTML 4Page - BeRex Corporation BIF7 Datasheet HTML 5Page - BeRex Corporation BIF7 Datasheet HTML 6Page - BeRex Corporation BIF7 Datasheet HTML 7Page - BeRex Corporation BIF7 Datasheet HTML 8Page - BeRex Corporation BIF7 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
5-800 MHz Internally Matched IF Amplifier
BIF7
OIP3 = 40.0 dBm @ 70 MHz
Gain = 27.1 dB @ 70 MHz
Output P1 dB = 21.3 dBm @ 70 MHz
50 Ω Cascadable
Patented temperature compensation
Patented over voltage protection
Lead-free/RoHS-compliant SOT-89 SMT package
BeRex’s BIF7 is a high performance InGaP/
GaAs HBT MMIC amplifier, internally
matched to 50 Ohms and uses a patented
temperature compensation circuit to pro-
vide stable current over the operating tem-
perature range without the need for exter-
nal components and a patented over volt-
age protection circuit to protect a internal
device. The BIF7 is designed for high linear-
ity IF amplifier that requires excellent gain,
high OIP3 and flatness. It is packaged in a
RoHS-compliant with SOT-89 surface mount
package.
Product Description
Device Features
 Base station Infrastructure/RFID
 Commercial/Industrial/Military wireless system
Applications
Applications Circuit
*C1, C2=100nF ± 5%; C3 = 100 pF ± 5%; C4 = 1000pF ±5%
1 Device performance _ measured on a BeRex evaluation board at 25°C, 50 Ω system.
2 OIP3 _ measured with two tones at an output of 10 dBm per tone separated by 1 MHz.
Typical Performance
1
Absolute Maximum Ratings
Parameter
Frequency
Unit
70
140
250
500
800
MHz
Gain
27.1
27.0
26.7
25.7
25.0
dB
S11
-32.0
-41.0
-38.5
-28.6
-23.2
dB
S22
-12.1
-11.6
-10.1
-7.2
-6.5
dB
OIP3
2
40.0
38.5
38.0
36.0
32.5
dBm
P1dB
21.3
21.5
21.5
21.0
19.7
dBm
Noise Figure
2.9
2.9
3.0
3.0
3.0
dB
Min.
Typical
Max.
Unit
Bandwidth
5
800
MHz
IC @ (Vc = 5V)
85
95
105
mA
VC
5.0
V
dG/dT
-0.003
dB/°C
RTH
50
°C/W
Parameter
Unit
Rating
Operating Case Temperature
°C
-40 to +85
Storage Temperature
°C
-55 to +155
Junction Temperature
°C
+220
Operating Voltage
V
+6.0
Supply Current
mA
160
Input RF Power
dBm
23
Operation of this device above any of these parameters may result in permanent damage.
Rev. E
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex
*C5 = 10uF; L1 = 1uH ±5%
*C1, C2 = 100pF; L1 = 12nH ±5% for RF Bandwidth
C5
C3
C4
C1
C2
RF In
RF Out
Vcc
BT05VG2
BIF7
L1


Similar Part No. - BIF7

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BIF7 BEREX-BIF7 Datasheet
1Mb / 10P
5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7 Datasheet
775Kb / 10P
50-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7 Datasheet
1Mb / 10P
5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7 Datasheet
1Mb / 11P
5-800 MHz Internally Matched IF Amplifier
Rev. 10.3
BIF7 BEREX-BIF7_1 Datasheet
1Mb / 10P
5-800 MHz Internally Matched IF Amplifier
More results

Similar Description - BIF7

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG20A BEREX-BG20A Datasheet
454Kb / 8P
5-800 MHz Internally Matched IF Amplifier
BG20B BEREX-BG20B Datasheet
470Kb / 10P
5-800 MHz Internally Matched IF Amplifier
BG20A BEREX-BG20A_1 Datasheet
1Mb / 8P
5-800 MHz Internally Matched IF Amplifier
BIF1 BEREX-BIF1_1 Datasheet
1Mb / 9P
5-800 MHz Internally Matched IF Amplifier
BIF5 BEREX-BIF5_1 Datasheet
1Mb / 11P
5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_1 Datasheet
1Mb / 10P
5-800 MHz Internally Matched IF Amplifier
BG20B BEREX-BG20B_16 Datasheet
1Mb / 9P
5-800 MHz Internally Matched IF Amplifier
BIF3 BEREX-BIF3_16 Datasheet
1Mb / 9P
5-800 MHz Internally Matched IF Amplifier
BG20A BEREX-BG20A_18 Datasheet
1Mb / 8P
5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_18 Datasheet
1Mb / 10P
5-800 MHz Internally Matched IF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com