Electronic Components Datasheet Search
  English  ▼

X  

AWG2023 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # AWG2023
Description  50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWG2023 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  AWG2023 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWG2023 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWG2023 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWG2023 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWG2023 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWG2023 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWG2023 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWG2023 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWG2023 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
ASB Inc.
 sales@asb.co.kr
January 2017
AWG2023
1. Product Overview
1.1
General Description
AWG2023, a gain block amplifier MMIC, has high linearity, low noise and high efficiency over a wide
range of frequency from 30 MHz to 4000 MHz, being suitable for use in both receiver and transmitter of
telecommunication system up to 4 GHz. It has an active bias network for stable current over
temperature and process variation. The amplifier is available in an SOT89 package and passes through
the stringent DC, RF, and reliability tests.
1.2
Features
 21.6 dB gain at 2000 MHz
 19.0 dBm P1dB at 2000 MHz
 36.0 dBm OIP3 at 2000 MHz
 Gain flatness = 2.8 dB at 500 ~ 2500 MHz
 50  input & output matching
 MTTF > 100 Years
 Single supply: +3.3 V
1.3
Applications
 Wide-band application at 500 ~ 3000 MHz
 IF, CATV application at 30 ~ 1200 MHz
 SMATV, ONU application at 50 ~ 3000 MHz
1.4
Package Profile & RoHS Compliance
SOT89, 4.5x4.0 mm2, surface mount
RoHS-compliant
AWG2023 Data Sheet
50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
0
1000
2000
3000
4000
5000
Frequency (MHz)
-40
-30
-20
-10
0
10
20
30
S21
S11
S22
Gain & Return Loss vs. Frequency(with BiasTees)


Similar Part No. - AWG2023

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWG2023 ASB-AWG2023 Datasheet
665Kb / 13P
50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
April 2014
More results

Similar Description - AWG2023

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWG2020 ASB-AWG2020 Datasheet
667Kb / 13P
50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
July 2014
AWG2023 ASB-AWG2023 Datasheet
665Kb / 13P
50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
April 2014
AWG3015 ASB-AWG3015 Datasheet
728Kb / 15P
50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
June 2014
AWG3017 ASB-AWG3017 Datasheet
928Kb / 19P
50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
June 2014
AWG3020 ASB-AWG3020 Datasheet
750Kb / 15P
50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
April 2014
AWG2015 ASB-AWG2015 Datasheet
671Kb / 13P
50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
AWG2017 ASB-AWG2017 Datasheet
670Kb / 13P
50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
AWG2020 ASB-AWG2020_17 Datasheet
671Kb / 13P
50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
AWG3017 ASB-AWG3017_17 Datasheet
973Kb / 21P
50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
AWG3023 ASB-AWG3023_17 Datasheet
673Kb / 13P
50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com