Electronic Components Datasheet Search
  English  ▼

X  

CBT16213 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # CBT16213
Description  24-bit bus exchange switch with 12-bit output enables
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBT16213 Datasheet(HTML) 3 Page - NXP Semiconductors

  CBT16213 Datasheet HTML 1Page - NXP Semiconductors CBT16213 Datasheet HTML 2Page - NXP Semiconductors CBT16213 Datasheet HTML 3Page - NXP Semiconductors CBT16213 Datasheet HTML 4Page - NXP Semiconductors CBT16213 Datasheet HTML 5Page - NXP Semiconductors CBT16213 Datasheet HTML 6Page - NXP Semiconductors CBT16213 Datasheet HTML 7Page - NXP Semiconductors CBT16213 Datasheet HTML 8Page - NXP Semiconductors CBT16213 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Objective specification
CBT16213
24-bit bus exchange switch
with 12-bit output enables
2001 Jan 19
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
21
22
23
24
49
50
51
52
53
54
55
56
25
26
27
28
32
31
30
29
S0
1A1
1A2
2A1
2A2
3A1
3A2
GND
4A1
4A2
5A1
5A2
6A1
6A2
7A1
7A2
VCC
8A1
GND
8A2
9A1
9A2
10A1
10A2
11A1
11A2
12A1
12A2
S1
S2
1B1
1B2
2B1
2B2
3B1
GND
3B2
4B1
4B2
5B1
5B2
6B1
6B2
7B1
7B2
8B1
GND
8B2
9B1
9B2
10B1
10B2
11B1
11B2
12B1
12B2
SA00511
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1, 56, 55
S0, S1, S2
Data select
2, 4, 6, 9, 11, 13, 15,
18, 21, 23, 25, 27
1A1–12A1
A1 channel
3, 5, 7, 10, 12, 14, 16,
20, 22, 24, 26, 28
1A2–12A2
A2 channel
54, 52, 50, 47, 45, 43,
41, 39, 36, 34, 32, 30
1B1, 12B1
B1 channel
53, 51, 48, 46, 44, 42,
40, 37, 35, 33, 31, 29
1B2, 12B2
B2 channel
8, 19, 38, 49
GND
Ground (0 V)
17
VCC
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com