Electronic Components Datasheet Search
  English  ▼

X  

CRS1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CRS1
Description  An Analog Touch Panel Controller Chip Through Serial(CRS1-656),PS/2(CRS1-685)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CRS1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CRS1 Datasheet HTML 3Page - List of Unclassifed Manufacturers CRS1 Datasheet HTML 4Page - List of Unclassifed Manufacturers CRS1 Datasheet HTML 5Page - List of Unclassifed Manufacturers CRS1 Datasheet HTML 6Page - List of Unclassifed Manufacturers CRS1 Datasheet HTML 7Page - List of Unclassifed Manufacturers CRS1 Datasheet HTML 8Page - List of Unclassifed Manufacturers CRS1 Datasheet HTML 9Page - List of Unclassifed Manufacturers CRS1 Datasheet HTML 10Page - List of Unclassifed Manufacturers CRS1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SPEC 8.2.00
7
B. ELO Emulation Mode
ASCII Format
18 bytes/data are sent by 8 bits ASCII Format.
X Data
(4 bytes)
Y Data
(4 bytes)
T / U
CR
(0DH)
!
Binary Format
Byte
1
Lead-In-Byte (55h)
2
Touch Data Flag (54h)
3
Touch Status
*Touch Status:FirstTouch
01h
4
X Lower Data (8 bit)
MiddleTouch 02h
5
X Upper Data (4 bit)
Release
04h
6
Y Lower Data (8 bit)
7
Y Upper Data (4 bit)
8
Z Lower Data (FFh)
9
Z Upper Data (0h)
10
SumCheck
*SumCheck means all additions from
Byte 1 to Byte 9 and AAh.
*Z data is unavailable and fixed 255.
!
Space
Space
Z Data
(4 bytes)
Space
(3) Response Speed
Touch Panel
Output
about 17 mS
about 12 mS
Note:
Data shown are based on the following settings:
Baud Rate ------------- 9600bps
Parity ------------------ Unidentified
Data Bits -------------- 8 Bit
Stop Bit --------------- 1 Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com