Electronic Components Datasheet Search
  English  ▼

X  

CW574 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # CW574
Description  LINEAR INTEGRATED CIRCUIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CW574 Datasheet(HTML) 1 Page - Unisonic Technologies

  CW574 Datasheet HTML 1Page - Unisonic Technologies CW574 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTCCW574
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R111-008,B
33V COLOR TV VOLTAGE
REGULATOR
DESCRIPTION
The UTC CW574 is a parallel voltage regulator
which provides stable harmonious voltage for high
frequency tuner head of color TV.
FEATURES
*Low temperature coefficient.
*Low dynamic resister.
*Typical voltage: 33V.
BLOCK DIAGRAM
1
2
TO-92-2
1
2
TO-92-2: 1: Output 2: GND
PIN FUNCTION
PIN
SYMBOL
FUNCTION
1
GND
GROUND
2
OUT
OUTPUT (31~35V)
ABSOLUTE MAXIMUM RATINGS (Tamb=25°C)
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
Stable Current
Iz
10
mA
Power Dissipation
PD
200
mW
Operating Temperature
Tamb
-20
75
°C
Storage Temperature
TSTG
-40
125
°C
ELECTRICAL CHARACTERISTICS (Tamb=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Stable Voltage
Vz
Iz=5mA
31
33
35
V
Dynamic Resister
Rz
Iz=5mA,IAC=0.5mA,f=1kHz
10
25
Ω
Stable Current And
Temperature Characteristics
∆Vz
Iz=5mA, Tamb= -20~75
°C -1.0
1.0
mV/
°C


Similar Part No. - CW574

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
CW574 UTC-CW574 Datasheet
106Kb / 3P
33V COLOR TV VOLTAGE REGULATOR
CW574 UTC-CW574 Datasheet
116Kb / 3P
33V COLOR TV VOLTAGE REGULATOR
CW574-T90-K UTC-CW574-T90-K Datasheet
106Kb / 3P
33V COLOR TV VOLTAGE REGULATOR
CW574G-T90-B UTC-CW574G-T90-B Datasheet
116Kb / 3P
33V COLOR TV VOLTAGE REGULATOR
CW574G-T90-B UTC-CW574G-T90-B Datasheet
116Kb / 3P
33V COLOR TV VOLTAGE REGULATOR
More results

Similar Description - CW574

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com