Electronic Components Datasheet Search
  English  ▼

X  

D3UB10 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # D3UB10
Description  Voltage 50V ~ 1000V 3.0Amp Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

D3UB10 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  D3UB10 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH D3UB10 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
D3UB05~ D3UB100
Voltage 50V ~ 1000V
3.0Amp Glass Passivated Bridge Rectifiers
29-Jun-2015 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Io : 3A
VRRM : 50~1000V
Glass passivated chip
High surge forward current capability
APPLICATIONS
General purpose 1 phase Bridge
rectifier applications
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
D3UB
05
D3UB
10
D3UB
20
D3UB
40
D3UB
60
D3UB
80
D3UB
100
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Without heatsink
TA=29°C
1.2
Average Rectified Output
Current @ 60Hz sine
wave, R-load
With heatsink
Tc =140°C
IO
3.0
A
Surge(Non- repetitive)Forward Current
@ 60HZ sine wave, 1 cycle, TJ=25°C
IFSM
90
A
Current Squared Time
1
I
2t
33
A
2S
Dielectric Strength@ Terminals to case
,AC 1
minute
VDIS
2
KV
Mounting Torque@ Recommend torque
:
5kg.cm
Tor
8
Kg.cm
Peak Forward Voltage@ IFM=1.5A, Pulse
measurement, Rating of per diode
VFM
1.05
V
Peak Reverse Current@ VRM=VRRM , Pulse
measurement, Rating of per diode
IRRM
10
µA
Without heatsink
RθJA
55
Thermal Resistance
With heatsink
RθJC
1.5
°C / W
Junction and Storage temperature range
TJ,TSTG
-55~+150
°C
Notes:
1.
1ms≤t<8.3ms TJ=25°C
,Rating of per diode
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
13.3
14.3
G
13.1
13.5
B
10.3
11.3
H
3.7
3.9
C
6.4
7.4
J
2.0
2.2
D
4.5
5.5
K
0.4
0.6
E
1.05
1.45
L
2.6
3.6
F
0.60
0.85
M
3.1
3.4
D3K


Similar Part No. - D3UB10

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
D3UB10 KINGTRONICS-D3UB10 Datasheet
392Kb / 2P
Single Phase 3.0 AMPS.Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 3.0 Amperes
D3UB10 KINGTRONICS-D3UB10 Datasheet
223Kb / 2P
Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 2.0 Amperes
D3UB10 KINGTRONICS-D3UB10 Datasheet
375Kb / 2P
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 3.0 Amperes
logo
Yangzhou yangjie electr...
D3UB10 YANGJIE-D3UB10 Datasheet
160Kb / 4P
Bridge Rectifiers
logo
First Silicon Co., Ltd
D3UB10 FS-D3UB10 Datasheet
500Kb / 3P
Bridge Rectifiers
More results

Similar Description - D3UB10

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
KBU8A SECOS-KBU8A Datasheet
97Kb / 2P
VOLTAGE 50V ~ 1000V 8AMP Glass Passivated Bridge Rectifiers
KBL005G SECOS-KBL005G Datasheet
145Kb / 2P
Voltage 50V ~ 1000V, 4.0Amp Glass Passivated Bridge Rectifiers
KBP3005G SECOS-KBP3005G Datasheet
730Kb / 2P
Voltage 50V ~ 1000V 3.0Amp Glass Passivited Bridge Rectifiers
D2UB05 SECOS-D2UB05 Datasheet
187Kb / 2P
Voltage 50V ~ 1000V 2.0Amp Glass Passivated Bridge Rectifiers
D4UB05 SECOS-D4UB05 Datasheet
188Kb / 2P
Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers
D8UB05 SECOS-D8UB05 Datasheet
189Kb / 2P
Voltage 50V ~ 1000V 8.0Amp Glass Passivated Bridge Rectifiers
GBP2005 SECOS-GBP2005 Datasheet
226Kb / 2P
Voltage 50V ~ 1000V 2.0Amp Glass Passivated Bridge Rectifiers
GBP3005 SECOS-GBP3005 Datasheet
226Kb / 2P
Voltage 50V ~ 1000V 3.0Amp Glass Passivated Bridge Rectifiers
KBJ4005 SECOS-KBJ4005 Datasheet
201Kb / 2P
Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers
KBJ15005 SECOS-KBJ15005 Datasheet
312Kb / 2P
Voltage 50V ~ 1000V 15Amp Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com