Electronic Components Datasheet Search
  English  ▼

X  

D10JB40 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # D10JB40
Description  50V ~ 1000V, 10A Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

D10JB40 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  D10JB40 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH D10JB40 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
D10JB05 ~ D10JB100
50V ~ 1000V, 10A
Glass Passivated Bridge Rectifiers
22-Apr-2016 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Io : 10A
VRRM : 50~1000V
Glass passivated chip
High surge forward current capability
APPLICATIONS
General purpose 1 phase Bridge
rectifier applications
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
D10
JB05
D10
JB10
D10
JB20
D10
JB40
D10
JB60
D10
JB80
D10
JB100
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
With heatsink
TC =95°C
10
Average Rectified Output
Current @ 60Hz sine
wave, R-load
Without heatsink
TA =25°C
IO
3.2
A
Non-repetitive Surge Forward Current @ 60Hz
sine wave, 1 cycle, TJ=25°C
IFSM
150
A
Current Squared Time
1
I
2t
93
A
2S
Dielectric Strength@ Terminals to case,
AC 1 minute
VDIS
2
KV
Mounting Torque@ Recommend torque:
5
kg.cm
Tor
8
kg.cm
Peak Forward Voltage@ IFM=5A, pulse
measurement, rating of per diode
VFM
1.1
V
Peak Reverse Current@ VRM=VRRM , Pulse
measurement, Rating of per diode
IRRM
10
µA
Thermal Resistance from Junction to
Ambient@ without heatsink
RθJA
28
°C / W
Thermal Resistance from Junction to
Case@ with heatsink
RθJC
2.8
°C / W
Junction and Storage Temperature Range
TJ, TSTG
150, -55~+150
°C
Notes:
1.
1ms≦t<8.3ms, TJ=25°C, rating of per diode.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
24.7
25.3
H
14.6
15.2
B
11.4
12.0
I
3.9
4.5
C
10.0
10.6
J
2.9
3.9
D
7.3
7.7
K
3.1
3.4
E
1.2
1.4
L
5.4
6.0
F
1.35
1.55
M
2.0
2.6
G
0.9
1.1
N
0.4
0.6
JB


Similar Part No. - D10JB40

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
D10JB40 YANGJIE-D10JB40 Datasheet
106Kb / 2P
Bridge Rectifier
More results

Similar Description - D10JB40

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DBLS101G TSC-DBLS101G_16 Datasheet
208Kb / 4P
1A, 50V - 1000V Glass Passivated Bridge Rectifiers
GBU1001 TSC-GBU1001_16 Datasheet
213Kb / 4P
10A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
TS10B01G TSC-TS10B01G_16 Datasheet
194Kb / 4P
10A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS15P01G TSC-TS15P01G_16 Datasheet
207Kb / 4P
15A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS20P01G TSC-TS20P01G_16 Datasheet
206Kb / 4P
20A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS25P04G-K TSC-TS25P04G-K_16 Datasheet
207Kb / 4P
25A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
GP1001 TMT-GP1001_16 Datasheet
202Kb / 4P
10A, 50V - 1000V Glass Passivated Rectifiers
TS6P01G TMT-TS6P01G_16 Datasheet
206Kb / 4P
6A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS8P01G TMT-TS8P01G_16 Datasheet
341Kb / 4P
8A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS10P01G-K TSC-TS10P01G-K Datasheet
391Kb / 6P
10A, 50V - 1000V Glass Passivated Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com