Electronic Components Datasheet Search
  English  ▼

X  

FSS234 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FSS234
Description  DC / DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS234 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FSS234 Datasheet HTML 1Page - Sanyo Semicon Device FSS234 Datasheet HTML 2Page - Sanyo Semicon Device FSS234 Datasheet HTML 3Page - Sanyo Semicon Device FSS234 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FSS234
No.6865-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=12A, VGS=10V
9.5
13
m
Ω
RDS(on)2
ID=4A, VGS=4.5V
13
19
m
Ω
Input Capacitance
Ciss
VDS=10V, f=1MHz
1450
pF
Output Capacitance
Coss
VDS=10V, f=1MHz
420
pF
Reverse Transfer Capacitance
Crss
VDS=10V, f=1MHz
210
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit
14
ns
Rise Time
tr
See specified Test Circuit
280
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit
110
ns
Fall Time
tf
See specified Test Circuit
100
ns
Total Gate Charge
Qg
VDS=10V, VGS=10V, ID=12A
28
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=10V, ID=12A
4.6
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=10V, ID=12A
5
nC
Diode Forward Voltage
VSD
IS=12A, VGS=0
0.81
1.2
V
Switching Time Test Circuit
PW=10
µs
D.C.
≤1%
10V
0V
VIN
P.G
50
Ω
G
S
ID=12A
RL=1.25Ω
VDD=15V
VOUT
VIN
D
FSS234
--75
--50
--25
0
25
50
75
100
125
175
150
0
2
4
6
8
1012
1416
1820
5
10
15
20
25
30
35
40
45
50
0
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
IT02768
0
0
2
4
6
8
10
12
0.2
0
2
4
6
8
10
12
14
16
0.4
0.6
0.8
1.0
0.1
0.3
0.5
0.7
0.9
Drain-to-Source Voltage, VDS -- V
ID -- VDS
IT02766
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Gate-to-Source Voltage, VGS -- V
ID -- VGS
IT02767
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
IT02769
0
5
10
15
20
25
30
35
40
VGS=2.5V
VDS=10V
Ta=25
°C
4A
ID=12A
ID=4A,
VGS
=4.5V
ID=12A,
VGS
=10V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com