Electronic Components Datasheet Search
  English  ▼

X  

AM1361P Datasheet(PDF) 1 Page - Analog Power

Part # AM1361P
Description  P-Channel 60-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM1361P Datasheet(HTML) 1 Page - Analog Power

  AM1361P Datasheet HTML 1Page - Analog Power AM1361P Datasheet HTML 2Page - Analog Power AM1361P Datasheet HTML 3Page - Analog Power AM1361P Datasheet HTML 4Page - Analog Power AM1361P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM1361P
P-Channel 60-V (D-S) MOSFET
VDS (V)
ID (A)
-1.1
-1.0
Symbol
Limit
Units
VDS
-60
VGS
±20
TA=25°C
-1.1
TA=70°C
-0.9
IDM
-5
IS
-0.5
A
TA=25°C
0.34
TA=70°C
0.22
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
100
166
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Maximum Junction-to-Ambient
a
Gate-Source Voltage
PRODUCT SUMMARY
-60
rDS(on) (mΩ)
190 @ VGS = -10V
230 @ VGS = -4.5V
Power Dissipation
a
t <= 10 sec
Steady State
RθJA
ID
A
PD
W
Continuous Drain Current
a
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
SC70-3
© Preliminary
1
Publication Order Number:
DS_AM1361P_1A


Similar Part No. - AM1361P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM1360NE ANALOGPOWER-AM1360NE Datasheet
121Kb / 3P
N-Channel 60V (D-S) MOSFET
More results

Similar Description - AM1361P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
P-Channel 60-V (D-S) MOSFET
03-Nov-03
logo
Guangdong Kexin Industr...
KI2309DS KEXIN-KI2309DS Datasheet
50Kb / 2P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
P-Channel 60-V (D-S) MOSFET
12-Dec-05
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
P-Channel 60-V (D-S) MOSFET
02-Jan-06
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
P-Channel 60-V (D-S) MOSFET
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_15 Datasheet
380Kb / 13P
P-Channel 60 V (D-S) MOSFET
19-Jan-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com