Electronic Components Datasheet Search
  English  ▼

X  

AM1537CE Datasheet(PDF) 2 Page - Analog Power

Part # AM1537CE
Description  N & P-Channel 30-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM1537CE Datasheet(HTML) 2 Page - Analog Power

  AM1537CE Datasheet HTML 1Page - Analog Power AM1537CE Datasheet HTML 2Page - Analog Power AM1537CE Datasheet HTML 3Page - Analog Power AM1537CE Datasheet HTML 4Page - Analog Power AM1537CE Datasheet HTML 5Page - Analog Power AM1537CE Datasheet HTML 6Page - Analog Power AM1537CE Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Analog Power
AM1537CE
Parameter
Symbol Test Conditions
Min
Typ
Max
Unit
VDS = VGS, ID = 250 uA
(Nch)
1
V
VDS = VGS, ID = -250 uA
(Pch)
-1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±10
nA
VDS = 24 V, VGS = 0 V
(Nch)
1
VDS = -24 V, VGS = 0 V
(Pch)
-1
VDS = 5 V, VGS = 10 V
(Nch)
1.8
A
VDS = -5 V, VGS = -10 V
(Pch)
1.2
A
VGS = 10 V, ID = 1.1 A
(Nch)
90
VGS = 4.5 V, ID = 0.88 A
(Nch)
130
VGS = -10 V, ID = -0.8 A
(Pch)
190
VGS = -4.5 V, ID = -0.64 A
(Pch)
290
VDS = 15 V, ID = 1.1 A
(Nch)
4
S
VDS = -15 V, ID = -0.8 A
(Pch)
3
S
IS = 0.18 A, VGS = 0 V
(Nch)
0.74
V
IS = 0.175 A, VGS = 0 V
(Pch)
-0.79
V
Total Gate Charge
Qg
0.9
Gate-Source Charge
Qgs
0.32
Gate-Drain Charge
Qgd
0.30
Turn-On Delay Time
td(on)
2
Rise Time
tr
7
Turn-Off Delay Time
td(off)
13
Fall Time
tf
4
Input Capacitance
Ciss
118
Output Capacitance
Coss
20
Reverse Transfer Capacitance
Crss
16
Total Gate Charge
Qg
2.3
Gate-Source Charge
Qgs
0.64
Gate-Drain Charge
Qgd
0.75
Turn-On Delay Time
td(on)
5
Rise Time
tr
7
Turn-Off Delay Time
td(off)
13
Fall Time
tf
5
Input Capacitance
Ciss
132
Output Capacitance
Coss
23
Reverse Transfer Capacitance
Crss
18
On-State Drain Current
a
Gate-Source Threshold Voltage
Zero Gate Voltage Drain Current
Drain-Source On-Resistance
a
Diode Forward Voltage
a
Dynamic
b
nC
N - Channel
VDS = 15 V, RL = 12.5 Ω,
ID = 2 A,
VGEN = 10 V, RGEN = 6 Ω
ns
Static
Electrical Characteristics
Forward Transconductance
a
gfs
VGS(th)
ID(on)
IDSS
rDS(on)
VSD
N - Channel
VDS = 15 V, VGS = 4.5 V,
ID = 1.2 A
P - Channel
VDS = -15 V, VGS = -4.5 V,
ID = -0.8 A
uA
mΩ
mΩ
P - Channel
VDS = -15 V, VGS = 0 V, f = 1 Mhz
pF
N - Channel
VDS = 15 V, VGS = 0 V, f = 1 Mhz
pF
nC
P - Channel
VDS = -15 V, RL = 18.7 Ω,
ID = -0.8 A,
VGEN = -10 V, RGEN = 6 Ω
ns
© Preliminary
2
Publication Order Number:
DS_AM1537CE_1A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com