Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 398 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 398 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 394Page - Motorola, Inc MPXM2010D Datasheet HTML 395Page - Motorola, Inc MPXM2010D Datasheet HTML 396Page - Motorola, Inc MPXM2010D Datasheet HTML 397Page - Motorola, Inc MPXM2010D Datasheet HTML 398Page - Motorola, Inc MPXM2010D Datasheet HTML 399Page - Motorola, Inc MPXM2010D Datasheet HTML 400Page - Motorola, Inc MPXM2010D Datasheet HTML 401Page - Motorola, Inc MPXM2010D Datasheet HTML 402Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 670 page
background image
AN1315
3–252
Motorola Sensor Device Data
www.motorola.com/semiconductors
/* variables for div32 */
008C 0004
unsigned long DVDND[2];
/*
Dividend
*/
0090 0004
unsigned long DVSOR[2];
/*
Divisor
*/
0094 0004
unsigned long QUO[2];
/*
Quotient
*/
0098
unsigned int
CNT;
/*
Loop counter
*/
/* The code starts here */
/***************************************************************************/
void add32()
{
#asm
*––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––*
* Add two 32–bit values.
*
Inputs:
*
ADDEND: ADDEND[0..3]
HIGH ORDER BYTE IS ADDEND+0
*
AUGEND: AUGEND[0..3]
HIGH ORDER BYTE IS AUGEND+0
*
Output:
*
SUM: SUM[0..3]
HIGH ORDER BYTE IS SUM+0
*––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––*
*
083C B6 6F
LDA
ADDEND+3
low byte
083E BB 73
ADD
AUGEND+3
0840 B7 6B
STA
SUM+3
0842 B6 6E
LDA
ADDEND+2
medium low byte
0844 B9 72
ADC
AUGEND+2
0846 B7 6A
STA
SUM+2
0848 B6 6D
LDA
ADDEND+1
medium high byte
084A B9 71
ADC
AUGEND+1
084C B7 69
STA
SUM+1
084E B6 6C
LDA
ADDEND
high byte
0850 B9 70
ADC
AUGEND
0852 B7 68
STA
SUM
0854 81
RTS
done
*
#endasm
0855 81
RTS
}
void sub32()
{
#asm
*––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––*
* Subtract two 32–bit values.
*
Input:
*
Minuend: MINUE[0..3]
*
Subtrahend: SUBTRA[0..3]
*
Output:
*
Difference: DIFF[1..0]
*––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––*
*
0856 B6 77
LDA
MINUE+3
low byte
0858 B0 7B
SUB
SUBTRA+3
085A B7 7F
STA
DIFF+3
085C B6 76
LDA
MINUE+2
medium low byte
085E B2 7A
SBC
SUBTRA+2
0860 B7 7E
STA
DIFF+2
0862 B6 75
LDA
MINUE+1
medium high byte
0864 B2 79
SBC
SUBTRA+1
0866 B7 7D
STA
DIFF+1
0868 B6 74
LDA
MINUE
high byte
086A B2 78
SBC
SUBTRA
086C B7 7C
STA
DIFF
086E 81
RTS
done
*
#endasm
086F 81
RTS
}
void mul32()
{
#asm
*––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––*
* Multiply 32–bit value by a 32–bit value
*
*
*
Input:
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com