Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 399 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 399 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 395Page - Motorola, Inc MPXM2010D Datasheet HTML 396Page - Motorola, Inc MPXM2010D Datasheet HTML 397Page - Motorola, Inc MPXM2010D Datasheet HTML 398Page - Motorola, Inc MPXM2010D Datasheet HTML 399Page - Motorola, Inc MPXM2010D Datasheet HTML 400Page - Motorola, Inc MPXM2010D Datasheet HTML 401Page - Motorola, Inc MPXM2010D Datasheet HTML 402Page - Motorola, Inc MPXM2010D Datasheet HTML 403Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 670 page
background image
AN1315
3–253
Motorola Sensor Device Data
www.motorola.com/semiconductors
*
Multiplier:
MULTP[0..3]
*
Multiplicand:
MULCAN[0..3]
*
Output:
*
Product:
MTEMP[0..3] AND MULCAN[0..3] MTEMP[0] IS THE HIGH
*
ORDER BYTE AND MULCAN[3] IS THE LOW ORDER BYTE
*
*
THIS ROUTINE DOES NOT USE THE MUL INSTRUCTION FOR THE SAKE OF USERS NOT
*
USING THE HC(7)05 SERIES PROCESSORS.
*––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––*
*
*
0870 AE 20
LDX
#32
loop counter
0872 3F 84
CLR
MTEMP
clean–up for result
0874 3F 85
CLR
MTEMP+1
*
0876 3F 86
CLR
MTEMP+2
*
0878 3F 87
CLR
MTEMP+3
*
087A 36 88
ROR
MULCAN
low but to carry, the rest one to the right
087C 36 89
ROR
MULCAN+1
*
087E 36 8A
ROR
MULCAN+2
*
0880 36 8B
ROR
MULCAN+3
*
0882 24 18
MNEXT
BCC
ROTATE
if carry is set, do the add
0884 B6 87
LDA
MTEMP+3
*
0886 BB 83
ADD
MULTP+3
*
0888 B7 87
STA
MTEMP+3
*
088A B6 86
LDA
MTEMP+2
*
088C B9 82
ADC
MULTP+2
*
088E B7 86
STA
MTEMP+2
*
0890 B6 85
LDA
MTEMP+1
*
0892 B9 81
ADC
MULTP+1
*
0894 B7 85
STA
MTEMP+1
*
0896 B6 84
LDA
MTEMP
*
0898 B9 80
ADC
MULTP
*
089A B7 84
STA
MTEMP
*
089C 36 84
ROTATE
ROR
MTEMP
else: shift low bit to carry, the rest to the right
089E 36 85
ROR
MTEMP+1
*
08A0 36 86
ROR
MTEMP+2
*
08A2 36 87
ROR
MTEMP+3
*
08A4 36 88
ROR
MULCAN
*
08A6 36 89
ROR
MULCAN+1
*
08A8 36 8A
ROR
MULCAN+2
*
08AA 36 8B
ROR
MULCAN+3
*
08AC 5A
DEX
bump the counter down
08AD 26 D3
BNE
MNEXT
done yet ?
08AF 81
RTS
done
#endasm
08B0 81
RTS
}
void div32()
{
#asm
*
*––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––*
* Divide 32 bit by 32 bit unsigned integer routine
*
*
Input:
*
Dividend:
DVDND [+0..+3] HIGH ORDER BYTE IS DVND+0
*
Divisor:
DVSOR [+0..+3] HIGH ORDER BYTE IS DVSOR+0
*
Output:
*
Quotient:
QUO [+0..+3]
HIGH ORDER BYTE IS QUO+0
*––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––*
*
08B1 3F 94
CLR
QUOzero result registers
08B3 3F 95
CLR
QUO+1
*
08B5 3F 96
CLR
QUO+2
*
08B7 3F 97
CLR
QUO+3
*
08B9 A6 01
LDA
#1
initial loop count
08BB 3D 90
TST
DVSOR
if the high order bit is set..no need to shift DVSOR
08BD 2B 0F
BMI
DIV153
*
08BF 4C
DIV151
INCA
bump the loop counter
08C0 38 93
ASL
DVSOR+3
now shift the divisor until the high order bit = 1
08C2 39 92
ROL
DVSOR+2
08C4 39 91
ROL
DVSOR+1
*
08C6 39 90
ROL
DVSOR
*
08C8 2B 04
BMI
DIV153
done if high order bit = 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com