Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 609 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 609 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 605Page - Motorola, Inc MPXM2010D Datasheet HTML 606Page - Motorola, Inc MPXM2010D Datasheet HTML 607Page - Motorola, Inc MPXM2010D Datasheet HTML 608Page - Motorola, Inc MPXM2010D Datasheet HTML 609Page - Motorola, Inc MPXM2010D Datasheet HTML 610Page - Motorola, Inc MPXM2010D Datasheet HTML 611Page - Motorola, Inc MPXM2010D Datasheet HTML 612Page - Motorola, Inc MPXM2010D Datasheet HTML 613Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 609 / 670 page
background image
MC14578
4–17
Motorola Sensor Device Data
www.motorola.com/semiconductors
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS, Rbias = 3.9 MΩ to VDD, TA = –30° to 70°C Unless Otherwise Indicated)
Symbol
Parameter
Test Condition
VDD
V
Guaranteed
Limit
Unit
VDD
Power Supply Voltage Range
—
3.5 to 14.0
V
VIL
Maximum Low–Level Input Voltage, MOSFETs
Wired as Inverters; i.e., IN A tied to IN B, OUT
A to OUT B, OUT C1 to OUT C2.
Vout = 9.0 V, |Iout| t1 µA
10.0
2.0
V
VIH
Minimum High–Level Input Voltage, MOSFETs
Wired as Inverters; i.e., IN A tied to IN B, OUT
A to OUT B, OUT C1 to OUT C2.
Vout = 1.0 V, |Iout| t1 µA
10.0
8.0
V
VIO
Comparator Input Offset Voltage
TA = 25°C, Over Common Mode
Range
10.0
"50
mV
TA = 0° to 50°C, Over Common
Mode Range
3.5 to
14.0
"75
VCM
Comparator Common Mode Voltage Range
3.5 to
14.0
0.7 to
VDD *1.5
V
VOL
Maximum Low–Level Comparator Output Voltage
IN +: Vin = VSS, IN *: Vin = VDD,
Iout = 30 µA
10.0
0.5
V
VOH
Minimum High–Level Comparator Output Voltage
IN +: Vin = VDD, IN *: Vin = VSS,
Iout = *30 µA
10.0
9.5
V
VOO
Buffer Amp Output Offset Voltage
Rload = 10 MΩ to VDD or VSS, Over
Common Mode Range
—
"100
mV
VOL
Maximum Low–Level Output Voltage, MOSFETs
Wired as Inverters; i e IN A tied to IN B OUT
OUT C1, OUT C2: Iout = 1.1 mA
10.0
0.5
V
Wired as Inverters i.e., IN A tied to IN B, OUT
A to OUT B, OUT C1 to OUT C2.
OUT A, OUT B: Iout = 270 µA
10.0
0.5
V
VOH
Minimum High–Level Output Voltage, MOSFETs
Wired as Inverters; i e IN A tied to IN B OUT
OUT C1, OUT C2: Iout = *1.1 mA
10.0
9.5
V
Wired as Inverters i.e., IN A tied to IN B, OUT
A to OUT B, OUT C1 to OUT C2.
OUT A, OUT B: Iout = 270 µA
10.0
9.5
V
Iin
Maximum Input Leakage
IN + (DIP Only)
Current
TA = 25°C, 40% R.H.,
Vin = VSS or VDD
10.0
"1.0
pA
IN + (DIP Only)
TA = 50°C,
Vin = VSS or VDD
10.0
"6.0
IN + (SOG), IN A, IN B, IN C, IN
*
Vin = VSS or VDD
10.0
"40
nA
IOZ
Maximum Off–State MOSFET Leakage Current
IN A, IN C: Vin = VDD,
OUT A, OUT C2: Vout = VSS
or VDD
10.0
"100
nA
IN B, IN C: Vin = VSS,
OUT B, OUT C1: Vout = VSS
or VDD
10.0
"100
IDD
Maximum Quiescent Current
TA = 25°C
IN A, IN B, IN C: Vin = VSS or VDD,
|VIN + *VIN*| = 100 mV,
Iout = 0 µA
10.0
10
µA
Cin
Maximum Input Capacitance
IN +
Other Inputs
f = 1 kHz
—
—
5.0
15
pF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com