Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 610 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 610 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 606Page - Motorola, Inc MPXM2010D Datasheet HTML 607Page - Motorola, Inc MPXM2010D Datasheet HTML 608Page - Motorola, Inc MPXM2010D Datasheet HTML 609Page - Motorola, Inc MPXM2010D Datasheet HTML 610Page - Motorola, Inc MPXM2010D Datasheet HTML 611Page - Motorola, Inc MPXM2010D Datasheet HTML 612Page - Motorola, Inc MPXM2010D Datasheet HTML 613Page - Motorola, Inc MPXM2010D Datasheet HTML 614Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 610 / 670 page
background image
MC14578
4–18
Motorola Sensor Device Data
www.motorola.com/semiconductors
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NC
IN +
NC
BUFF OUT
IN
*
Rbias
VSS
OUT C2
OUT A
OUT B
IN C
OUT C1
IN B
IN A
VDD
COMP OUT
R2
R1
MC14578
R4
3.9 M
NOTE: IN + and IN
* have very high input impedance. Interconnect to these pins should be as short as possible.
Figure 1. Low–Battery Detector
V+
D1
R3
V+
V+
V+
R5
6.8 k
D2
LOW–BATTERY
INDICATOR
OUTPUT
HIGH = BATTERY LOW
LOW = BATTERY OK
APPLICATIONS INFORMATION
EXAMPLE VALUES
Near the switchpoint, the comparator output in the circuit
of Figure 1 may chatter or oscillate. This oscillation appears
on the signal labelled OUTPUT. In some cases, the oscilla-
tion in the transition region will not cause problems. For
example, an MPU reading OUTPUT could sample the signal
two or three times to ensure a solid level is attained. But, in a
low battery detector, this probably is not necessary.
To eliminate comparator chatter, hysteresis can be added
as shown in Figure 2. The circuit of Figure 2 requires slightly
more operating current than the Figure 1 arrangement.
R1
R2
R3
Nominal Trip Point
470 k
Ω
1.3 M
Ω
20 k
Ω
4.08 V
820 k
Ω
1.2 M
Ω
39 k
Ω
5.05 V
1.2 M
Ω
1.2 M
Ω
62 k
Ω
6.00 V
Figure 2. Adding Hysteresis
+
–
R7
2
15
12
R6
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com