Electronic Components Datasheet Search
  English  ▼

X  

1016509 Datasheet(PDF) 2 Page - SICK AG

Part # 1016509
Description  MULTIPLE LIGHT BEAM SAFETY DEVICES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1016509 Datasheet(HTML) 2 Page - SICK AG

  1016509 Datasheet HTML 1Page - SICK AG 1016509 Datasheet HTML 2Page - SICK AG 1016509 Datasheet HTML 3Page - SICK AG 1016509 Datasheet HTML 4Page - SICK AG 1016509 Datasheet HTML 5Page - SICK AG 1016509 Datasheet HTML 6Page - SICK AG 1016509 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
M20S-04130A120, M20E-04130A120 | M2000 Standard
MULTIPLE LIGHT BEAM SAFETY DEVICES
Ordering information
System part
Type
Part no.
Sender
M20S-04130A120
1016509
Receiver
M20E-04130A120
1016510
1.) Concerns installation as a replacement part for previous type 2 device in machine: Regarding Machinery Directive
2006/42/EC, Article 1, Paragraph (2a) this type 2 device may only be used as a replacement part for identical PL d / SIL2
devices within the EU if the machine was put into circulation before 2015-05-10. Keep this note with your machine documen-
tation. If the machine is sold on, this note and the information it contains must be passed on to every subsequent buyer. 2.)
Concerns installation on new machines: Due to the amendment to the EN/IEC 61496-1 standard, this type 2 device may only
be installed on new machines up to PL c / SIL1 as of 2015-05-10.
Other models and accessories
www.sick.com/M2000_Standard
Detailed technical data
Features
Scanning range
0 m ... 25 m, configurable
Low scanning range
0 m ... 6 m
Great scanning range
2 m ... 25 m
Number of beams
4
Beam separation or resolution
300 mm
Response time
8 ms
Synchronization
Optical synchronisation
Safety-related parameters
Type
Type 2 (IEC 61496)
Safety integrity level
SIL1 (IEC 61508)
SILCL1 (EN 62061)
Category
Category 2 (EN ISO 13849)
Test rate (internal test)
13 /s (EN ISO 13849) 1)
Maximum demand rate
≤ 8 
min⁻¹ (EN ISO 13849) 2)
Performance level
PL c (EN ISO 13849)
PFHD (mean probability of a dangerous fail-
ure per hour)
6.6 x 10-9 (EN ISO 13849)
TM (mission time)
20 years (EN ISO 13849)
Safe state in the event of a fault
At least one OSSD is in the OFF state.
1) Internal test. The test rate may not be exceeded if an external test is performed.
2) Between two requirements on a safety-related response of the device, at least 100 internal or external tests must be carried out.
Functions
Functions
Delivery status
Beam coding
✔
Uncoded
Configurable scanning range
✔
2
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-06-14 08:06:28
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com