Electronic Components Datasheet Search
  English  ▼

X  

1016513 Datasheet(PDF) 5 Page - SICK AG

Part # 1016513
Description  MULTIPLE LIGHT BEAM SAFETY DEVICES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1016513 Datasheet(HTML) 5 Page - SICK AG

  1016513 Datasheet HTML 1Page - SICK AG 1016513 Datasheet HTML 2Page - SICK AG 1016513 Datasheet HTML 3Page - SICK AG 1016513 Datasheet HTML 4Page - SICK AG 1016513 Datasheet HTML 5Page - SICK AG 1016513 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
M20Z-02550A121, PSR01-1501 | M2000 Standard A/P
MULTIPLE LIGHT BEAM SAFETY DEVICES
Brief description
Type
Part no.
4 pieces, Mounting kit 6, side bracket, rotatable, Zinc diecast
BEF-1SHABAZN4
2019506
4 pieces, Omega bracket, rotatable, fixable with only one screw, for mounting on the
swivel mount
BEF-2SMMEAAL4
2044847
4 pieces, Mounting kit 2, rotatable, swivel mount, Polyamide PA6
BEF-2SMMEAKU4
2019659
Alignment aids
Laser alignment aid for various sensors, laser class 2 (IEC 60825). Do not look into
the beam!
AR60
1015741
Adapter AR60 for housing cross-section 48 mm x 40 mm
AR60 adapter, 48x40
4032461
Adapter AR60 for housing cross-section 48 mm x 40 mm in PU3H device column
AR60 adapter,
48x40, PU3H
4056731
2017-06-14 08:06:28 | Online data sheet
Subject to change without notice
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com