Electronic Components Datasheet Search
  English  ▼

X  

1024211 Datasheet(PDF) 3 Page - SICK AG

Part # 1024211
Description  MULTIPLE LIGHT BEAM SAFETY DEVICES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1024211 Datasheet(HTML) 3 Page - SICK AG

  1024211 Datasheet HTML 1Page - SICK AG 1024211 Datasheet HTML 2Page - SICK AG 1024211 Datasheet HTML 3Page - SICK AG 1024211 Datasheet HTML 4Page - SICK AG 1024211 Datasheet HTML 5Page - SICK AG 1024211 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
M25S-03140C112, M25E-03140C112 | M2000 Standard in IP69K Housing
MULTIPLE LIGHT BEAM SAFETY DEVICES
Interfaces
System connection
Connection type PVC cable, 8-pin
Cable length 15 m
Conductor cross-section 0.25 mm²
Configuration method
Hard wired
Display elements
LEDs
7-segment display
Fieldbus, industrial network
Integration via Flexi Soft safety controller CANopen, DeviceNet™, EtherCAT®, EtherNet/IP™, Modbus TCP, PROFIBUS DP, PROFINET 1)
1) For additional information on Flexi Soft -> www.sick.com/Flexi_Soft.
Electrical data
Sender
Receiver
Protection class
III (EN 50178)
Supply voltage VS
24 V DC (19.2 V DC ... 28.8 V DC) 1)
Power consumption
≤ 3.7 W (DC)
≤ 5 W (DC)
Safety outputs (OSSD)
Type of output
2 PNP semiconductors, short-circuit protect-
ed, cross-circuit monitored 2)
Switching voltage HIGH
24 V DC (VS – 2.25 V DC ... VS)
Switching voltage LOW
≤ 1 V DC
Switching current
≤ 500 mA
1) The external voltage supply must be capable of buffering brief mains voltage failures of 20 ms as specified in EN 60204-1. Suitable power supplies are available as
accessories from SICK.
2) Applies to the voltage range between –30 V and +30 V.
Mechanical data
Housing diameter
50 mm
Material
End caps Stainless steel
Plastic tube PMMA
Compensating element (membrane) PA 6
PG connector PA 6
Ambient data
Enclosure rating
IP69K, IP67, IP66, IP65 (EN 60529)
Ambient operating temperature
0 °C ... +55 °C
Storage temperature
–25 °C ... +70 °C
Air humidity
15 % ... 95 %, Non-condensing
Vibration resistance
5 g, 10 Hz ... 55 Hz (IEC 60068-2-6)
Shock resistance
10 g, 16 ms (IEC 60068-2-29)
Other information
Wave length
950 nm
2017-06-14 08:06:28 | Online data sheet
Subject to change without notice
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com