Electronic Components Datasheet Search
  English  ▼

X  

KAQW414 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KAQW414
Description  PHOTO MOS RELAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KAQW414 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KAQW414 Datasheet HTML 1Page - List of Unclassifed Manufacturers KAQW414 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fig.8
Voltage vs. current characteristics of
output at MOS FET portion
Measured portion: across terminals 5,7
and 6,8 pin
Ambient temperature: 25°C
Load Voltage (V)
Fig.9
Off state leakage current
Across terminals 5,7 and 6,8 pin
Ambient temperature: 25°C
LED Forward Current (mA)
Fig.11
LED forward current vs. Reverse (ON)
timeAcross terminals 5,7 and 6,8 pin;
Load voltage: 400V (DC);
Continuous load current: 130mA (DC);
Ambient temperature: 25°C
Applied Voltage (V)
Fig.12
Applied voltage vs. output capacitance
Across terminals 5,7 and 6,8 pin
Frequency: 1MHz
Ambient temperature: 25°C
Ambient Temperature Ta (°C)
Fig.5
LED operate (OFF) vs. ambient
temperature Load voltage: 400V(DC)
Continuous load current: 130mA(DC)
Ambient Temperature Ta (°C)
Fig.6
LED reverse (ON) current vs. ambient
temperature Load voltage: 400V(DC)
Continuous load current: 130mA(DC)
Ambient Temperature Ta (°C)
Fig.1
Load current vs. ambient temperature
Allowable ambient temperature:
-40°C to +85°C
Ambient Temperature Ta (°C)
Fig.2
On resistance vs. ambient temperature
Across terminals 5,7 and 6,8 pin
LED current: 0mA
Continuous load current: 130mA(DC)
Ambient Temperature Ta (°C)
Fig.3
Operate (OFF) time vs. ambient
temperature Load voltage: 400V(DC)
LED current: 5mA
Continuous load current: 130mA(DC)
Ambient Temperature Ta (°C)
Fig.4
Reverse (ON) time vs. ambient
temperature LED current: 5mA; Load
voltage: 400V(DC)
Continuous load current: 130mA(DC)
Ambient Temperature Ta (°C)
Fig.7
LED dropout voltage vs. ambient
temperature
LED current: 5 to 50mA
LED Forward Current (mA)
Fig.10
LED forward current vs. operate (OFF)
time Across terminals 5,7 and 6,8 pin;
Load voltage: 400V (DC);
Continuous load current: 130mA (DC);
Ambient temperature: 25°C
KAQW414S
c 2002 cosmo ELECTRONICS CORPORATION
http://www.cosmo-ic.com
101
Data Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com